Electronic Components Datasheet Search
  English  ▼

X  

KX201 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # KX201
Description  CMOS 32.768kHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

KX201 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  KX201 Datasheet HTML 1Page - Pericom Semiconductor Corporation KX201 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
All specifications are subject to change without notice.
KX201 REV A
08/01/14
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-232-9100 TW: +886-3-4518888
• www.saronix-ecera.com
CMOS 32.768kHz
Ultra Low Current KX Series Crystal Oscillator
2.0 x 1.6mm
KX201
Product Features
• AT Cut 32.768 kHz XO
• CMOS compatible logic levels
• Ultra low active current (< 30µA)
• Very tight temperature stability
• Designed for standard reflow and washing
techniques
• Pb-free and RoHS/Green compliant
Product Description
The KX201 Series real time clock oscillator
achieves superb stability over a broad range
of operating conditions. It utilizes Pericom
proprietary technology to achieve ultra low
current less than 30µA. The output clock
signal is compatible with LVCMOS/LVTTL logic
levels. The device, available on tape and reel,
is contained in a 2.0 x 1.6mm surface-mount
ceramic package.
Applications
• Real-Time Clock Oscillator where low current
and tight stability are needed
Package: (Scale: none; Dimensions are in mm)
Pin Functions:
Pin
Function
1
OE Function
2
Ground
3
Clock Output
4
VDD
2.0 x 1.6mm Ceramic SMD
Part Ordering Information:
Following the above format, Saronix-eCera part numbers will be assigned upon
confirmation of exact customer requirements.
Recommended Land Pattern:
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
KX 201 V I S 032.768000
A
B
D
Stability
Temp Range
A = +/-20 ppm -20/+70°C
B = +/-25 ppm -20/+70°C
C = +/-50 ppm -20/+70°C
D = +/-25 ppm -40/+85°C
E = +/-50 ppm -40/+85°C
Z = Reference Design
Stability and Temp Range:
Frequency:
FFF.FFFFFF
kHz, “3 digits/decimal/6 digits” format
Voltage:
1=+3.3V
2=+2.5V
3=+1.8V
C
Internal #:
0 ~ 9
14-0021


Similar Part No. - KX201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KX2000K ETC-KX2000K Datasheet
35Kb / 1P
Hot Air Gun
logo
Guangdong Kexin Industr...
KX2000N KEXIN-KX2000N_15 Datasheet
410Kb / 1P
NPN Transistors
KX2001P KEXIN-KX2001P_15 Datasheet
412Kb / 1P
PNP Transistors
KX20N65V KEXIN-KX20N65V Datasheet
704Kb / 5P
N-Channel MOSFET
More results

Similar Description - KX201

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
KD-2.5V PERICOM-KD-2.5V Datasheet
609Kb / 2P
2.5V CMOS 32.768kHz
KJ-2.5V PERICOM-KJ-2.5V Datasheet
743Kb / 2P
2.5V CMOS 32.768kHz
KK-2.5V PERICOM-KK-2.5V Datasheet
593Kb / 2P
2.5V CMOS 32.768kHz
KM-1.8V PERICOM-KM-1.8V Datasheet
649Kb / 2P
1.8V CMOS 32.768kHz
KM-2.5V PERICOM-KM-2.5V Datasheet
650Kb / 2P
2.5V CMOS 32.768kHz
KM-3.3V PERICOM-KM-3.3V Datasheet
647Kb / 2P
3.3V CMOS 32.768kHz
KN-1.8V PERICOM-KN-1.8V Datasheet
633Kb / 2P
1.8V CMOS 32.768kHz
KX251 PERICOM-KX251 Datasheet
635Kb / 2P
CMOS 32.768kHz
KX321 PERICOM-KX321 Datasheet
646Kb / 2P
CMOS 32.768kHz
KX501 PERICOM-KX501 Datasheet
704Kb / 2P
CMOS 32.768kHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com