Electronic Components Datasheet Search
  English  ▼

X  

KX321 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # KX321
Description  CMOS 32.768kHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

KX321 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  KX321 Datasheet HTML 1Page - Pericom Semiconductor Corporation KX321 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
All specifications are subject to change without notice.
KX321 REV C
08/28/2014
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.saronix-ecera.com
CMOS 32.768kHz
Ultra Low Current KX Series Crystal Oscillator
3.2 x 2.5mm
KX321
KN Series Real Time Clock Oscillator
7.0x5.0mm (XO)
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
Product Features
• AT Cut 32.768 kHz XO
• CMOS compatible logic levels
• Ultra low active current (< 10µA)
• Very tight temperature stability
• Designed for standard reflow and washing
techniques
• Pb-free and RoHS/Green compliant
Product Description
The KX321 Series real time clock oscillator
achieves superb stability over a broad range
of operating conditions. It utilizes Pericom
proprietary technology to achieve ultra low
current less than 10µA. The output clock
signal is compatible with LVCMOS/LVTTL logic
levels. The device, available on tape and reel,
is contained in a 3.2 x 2.5mm surface-mount
ceramic package.
Applications
• Real-Time Clock Oscillator where low
current and tight stability are needed
Package: (Scale: none; Dimensions are in mm)
Pin Functions:
Pin
Function
1
OE Function
2
Ground
3
Clock Output
4
VDD
Recommended Land Pattern:
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
3.2 x 2.5mm Ceramic SMD
Part Ordering Information:
KX 321 V I S 032.768000
A
B
D
Stability
Temp Range
A = +/-20 ppm -20/+70°C
B = +/-25 ppm -20/+70°C
C = +/-50 ppm -20/+70°C
D = +/-25 ppm -40/+85°C
E = +/-50 ppm -40/+85°C
F = +/-20 ppm 0/+70°C
G = +/-25 ppm 0/+70°C
H = +/-25 ppm 0/+85°C
I = +/-25 ppm -20/+85°C
Z = Reference Design
Stability and Temp Range:
Frequency:
FFF.FFFFFF
kHz, “3 digits/decimal/6 digits” format
Voltage:
1=+3.3V
2=+2.5V
3=+1.8V
B=+3.0V
C
Internal #:
0 ~ 9
Following the above format, SaRonix-eCera part numbers will be assigned upon
confirmation of exact customer requirements.
14-0034


Similar Part No. - KX321

ManufacturerPart #DatasheetDescription
logo
Rohm
KX310CR-MZ ROHM-KX310CR-MZ Datasheet
1Mb / 41P
KionixTM Technology Accelerometer IC for Automotive
26.Mar.2024 Rev.001
KX310CR-MZER ROHM-KX310CR-MZER Datasheet
1Mb / 41P
KionixTM Technology Accelerometer IC for Automotive
26.Mar.2024 Rev.001
KX311CR-MZ ROHM-KX311CR-MZ Datasheet
1Mb / 41P
Accelerometer IC for Automotive
26.Mar.2024 Rev.001
KX311CR-MZE2 ROHM-KX311CR-MZE2 Datasheet
1Mb / 41P
Accelerometer IC for Automotive
26.Mar.2024 Rev.001
logo
Guangdong Kexin Industr...
KX3N80 KEXIN-KX3N80 Datasheet
3Mb / 4P
N-Channel MOSFET
More results

Similar Description - KX321

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
KD-2.5V PERICOM-KD-2.5V Datasheet
609Kb / 2P
2.5V CMOS 32.768kHz
KJ-2.5V PERICOM-KJ-2.5V Datasheet
743Kb / 2P
2.5V CMOS 32.768kHz
KK-2.5V PERICOM-KK-2.5V Datasheet
593Kb / 2P
2.5V CMOS 32.768kHz
KM-1.8V PERICOM-KM-1.8V Datasheet
649Kb / 2P
1.8V CMOS 32.768kHz
KM-2.5V PERICOM-KM-2.5V Datasheet
650Kb / 2P
2.5V CMOS 32.768kHz
KM-3.3V PERICOM-KM-3.3V Datasheet
647Kb / 2P
3.3V CMOS 32.768kHz
KN-1.8V PERICOM-KN-1.8V Datasheet
633Kb / 2P
1.8V CMOS 32.768kHz
KX201 PERICOM-KX201 Datasheet
662Kb / 2P
CMOS 32.768kHz
KX251 PERICOM-KX251 Datasheet
635Kb / 2P
CMOS 32.768kHz
KX501 PERICOM-KX501 Datasheet
704Kb / 2P
CMOS 32.768kHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com