Electronic Components Datasheet Search
  English  ▼

X  

1SS413CT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS413CT
Description  Schottky Barrier Diode Silicon Epitaxial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS413CT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS413CT Datasheet HTML 1Page - Toshiba Semiconductor 1SS413CT Datasheet HTML 2Page - Toshiba Semiconductor 1SS413CT Datasheet HTML 3Page - Toshiba Semiconductor 1SS413CT Datasheet HTML 4Page - Toshiba Semiconductor 1SS413CT Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1SS413CT
1
Schottky Barrier Diode Silicon Epitaxial
1SS413CT
1SS413CT
1SS413CT
1SS413CT
Start of commercial production
1999-02
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
High-Speed Switching
2.
2.
2.
2. Features
Features
Features
Features
(1)
Low forward voltage : VF(3) = 0.50 V (typ.)
(2)
Low reverse current : IR = 0.5 µA (max)
(3)
Small total capacitance : Ct = 3.9 pF (typ.)
3.
3.
3.
3. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
CST2
1: Cathode
2: Anode
4.
4.
4.
4. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Peak reverse voltage
Reverse voltage
Peak forward current
Average rectified current
Power dissipation
Non-repetitive peak forward surge current
Junction temperature
Storage temperature
Symbol
VRM
VR
IFM
IO
PD
IFSM
Tj
Tstg
Note
(Note 1)
(Note 2)
Rating
25
20
100
50
100
1
125
-55 to 125
Unit
V
mA
mA
mW
A
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Mounted on a glass epoxy circuit board of 20 mm × 20 mm, Pad dimension of 4 mm × 4 mm.
Note 2: Measured with a 10 ms pulse.
2014-03-11
Rev.1.0


Similar Part No. - 1SS413CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS413 TOSHIBA-1SS413 Datasheet
175Kb / 3P
High Speed Switching Application
logo
SEMTECH ELECTRONICS LTD...
1SS413 SEMTECH_ELEC-1SS413 Datasheet
134Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
1SS413 TOSHIBA-1SS413_14 Datasheet
188Kb / 7P
Schottky Barrier Diode Silicon Epitaxial
More results

Similar Description - 1SS413CT

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1SS404WS SEMTECH_ELEC-1SS404WS Datasheet
172Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
1SS321 SEMTECH_ELEC-1SS321 Datasheet
130Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
1SS373WT SEMTECH_ELEC-1SS373WT Datasheet
130Kb / 1P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
CBS10S30 TOSHIBA-CBS10S30 Datasheet
140Kb / 6P
Schottky Barrier Diode Silicon Epitaxial
logo
Zibo Seno Electronic En...
1SS388 ZSELEC-1SS388 Datasheet
204Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
CTS05S40 TOSHIBA-CTS05S40 Datasheet
159Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
04-Apr-2014
CUHS15F60 TOSHIBA-CUHS15F60 Datasheet
249Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
CUHS15S60 TOSHIBA-CUHS15S60 Datasheet
249Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
CUHS20F30 TOSHIBA-CUHS20F30 Datasheet
253Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
CUHS20S30 TOSHIBA-CUHS20S30 Datasheet
252Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com