Electronic Components Datasheet Search
  English  ▼

X  

CMS06 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CMS06
Description  TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS06 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CMS06_13 Datasheet HTML 1Page - Toshiba Semiconductor CMS06_13 Datasheet HTML 2Page - Toshiba Semiconductor CMS06_13 Datasheet HTML 3Page - Toshiba Semiconductor CMS06_13 Datasheet HTML 4Page - Toshiba Semiconductor CMS06_13 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CMS06
2013-11-01
3
0.5
0.001
500
0.01
10
1
10
100
0.1
1
100
1000
Device mounted on a glass-epoxy board
Soldering land: 6.0 mm
× 6.0 mm
Device mounted on a ceramic board
Soldering land: 2.0 mm
× 2.0 mm
Device mounted on a glass-epoxy board
Soldering land: 2.1 mm
× 1.4 mm
iF − vF
PF (AV) − IF (AV)
Tℓ max
− IF (AV)
Cj − VR
(typ.)
Instantaneous forward voltage vF (V)
Average forward current IF (AV) (A)
Average forward current
IF (AV) (A)
Reverse voltage VR (V)
0.1
0.0
1
10
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Tj = 125°C
25°C
75°C
10
1
1000
10
100
100
f
= 1 MHz
Ta
= 25°C
0.0
0.0
0.3
0.7
1.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0.1
0.2
0.4
0.5
0.6
0.8
0.9
α = 120°
α = 60°
α = 180°
DC
360°
0°
α
Rectangular
waveform
Conduction angle:
α
140
0
0.0
40
100
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
20
60
80
120
α = 120°
α = 180°
α = 60°
DC
360°
0°
α
Rectangular
waveform
Conduction angle:
α
VR = 15 V
IF (AV)
Time t (s)
rth (j-a) − t



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com