Electronic Components Datasheet Search
  English  ▼

X  

ADC10158 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10158
Description  10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10158 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button ADC10158 Datasheet HTML 15Page - National Semiconductor (TI) ADC10158 Datasheet HTML 16Page - National Semiconductor (TI) ADC10158 Datasheet HTML 17Page - National Semiconductor (TI) ADC10158 Datasheet HTML 18Page - National Semiconductor (TI) ADC10158 Datasheet HTML 19Page - National Semiconductor (TI) ADC10158 Datasheet HTML 20Page - National Semiconductor (TI) ADC10158 Datasheet HTML 21Page - National Semiconductor (TI) ADC10158 Datasheet HTML 22Page - National Semiconductor (TI) ADC10158 Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
2.0 Applications Information (Continued)
The minimum value of V
REF (VREF = VREF
+ −V
REF
−) can be
quite small (see Typical Performance Characteristics) to al-
low direct conversion of transducer outputs providing less
than a 5V output span. Particular care must be taken with re-
gard to noise pickup, circuit layout and system error voltage
sources when operating with a reduced span due to the in-
creased sensitivity of the converter (1 LSB equals V
REF/2
n).
2.3 THE ANALOG INPUTS
Due to the sampling nature of the analog inputs, at the clock
edges short duration spikes of current will be seen on the se-
lected assigned negative input. Input bypass capacitors
should not be used if the source resistance is greater than
1k
Ω since they will average the AC current and cause an ef-
fective DC current to flow through the analog input source re-
sistance. An op amp RC active lowpass filter can provide
both impedance buffering and noise filtering should a high
impedance signal source be required. Bypass capacitors
may be used when the source impedance is very low without
any degradation in performance.
In a true differential input stage, a signal that is common to
both “+” and “−” inputs is cancelled. For the ADC10154 and
ADC10158, the positive input of a selected channel pair is
only sampled once before the start of a conversion during
the acquisition time (t
A). The negative input needs to be
stable during the complete conversion sequence because it
is sampled before each decision in the SAR sequence.
Therefore, any AC common-mode signal present on the ana-
log inputs will not be completely cancelled and will cause
some conversion errors. For a sinusoid common-mode sig-
nal this error is:
V
error(Max) = VPEAK (2πfCM)(tC)
where f
CM is the frequency of the common-mode signal,
V
PEAK is its peak voltage value, and tC is the A/D’s maximum
conversion time (t
C = 22/fCLK for 10-bit plus sign resolution).
For example, for a 60 Hz common-mode signal to generate
a 1⁄4 LSB error (1.24 mV) with a 4.5 µs conversion time, its
peak value would have to be approximately 731 mV.
2.4 OPTIONAL ADJUSTMENTS
2.4.1 Zero Error
The zero error of the A/D converter relates to the location of
the first riser of the transfer function (see
Figure 1) and can
be measured by grounding the minus input and applying a
small magnitude positive or negative voltage to the plus in-
put. Zero error is the difference between actual DC input
voltage which is necessary to just cause an output digital
DS011225-21
a. Ratiometric Using the Internal Reference
DS011225-22
b. Absolute Using a 4.096V Span
FIGURE 5. Different Reference Configurations
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com