Electronic Components Datasheet Search
  English  ▼

X  

ADC1038CIWM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1038CIWM
Description  10-Bit Serial I/O A/D Converter with Analog Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1038CIWM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC1038CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC1038CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC1038CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC1038CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC1038CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC1038CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC1038CIWM Datasheet HTML 11Page - National Semiconductor (TI) ADC1038CIWM Datasheet HTML 12Page - National Semiconductor (TI) ADC1038CIWM Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
3.0 Analog Considerations (Continued)
3.3 REFERENCE AND INPUT
The two V
REF inputs are fully differential and define the zero
to full-scale input range of the A to D converter. This allows
the designer to easily vary the span of the analog input since
this range will be equivalent to the voltage difference be-
tween V
REF+ and VREF−. By reducing VREF (VREF = VREF+−
V
REF−) to less than 5V, the sensitivity of the converter can be
increased (i.e., if V
REF = 2V then 1 LSB = 1.95 mV). The
input/reference arrangement also facilitates ratiometric op-
eration and in many cases the chip power supply can be
used for transducer power as well as the V
REF source.
This reference flexibility lets the input span not only be varied
but also offset from zero. The voltage at V
REF− sets the input
level which produces a digital output of all zeros. Though V
IN
is not itself differential, the reference design allows nearly
differential-input capability for many measurement applica-
tions.
Figure 3 shows some of the configurations that are
possible.
Power Supply Bypassing
External Reference 2.5V Full Scale
DS010556-20
Power Supply as Reference
DS010556-21
Input Not Referred to GND
DS010556-22
Note 14: *Current path must still exist from VIN(−) to ground
FIGURE 3. Analog Input Options
DS010556-23
DS010556-24
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com