Electronic Components Datasheet Search
  English  ▼

X  

ADC10461 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10461
Description  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10461 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC10461 Datasheet HTML 8Page - National Semiconductor (TI) ADC10461 Datasheet HTML 9Page - National Semiconductor (TI) ADC10461 Datasheet HTML 10Page - National Semiconductor (TI) ADC10461 Datasheet HTML 11Page - National Semiconductor (TI) ADC10461 Datasheet HTML 12Page - National Semiconductor (TI) ADC10461 Datasheet HTML 13Page - National Semiconductor (TI) ADC10461 Datasheet HTML 14Page - National Semiconductor (TI) ADC10461 Datasheet HTML 15Page - National Semiconductor (TI) ADC10461 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Functional Description (Continued)
SIMILAR PRODUCT DIFFERENCES
The ADC1046x, ADC1046x and ADC1066x (where "x" indi-
cates the number of multiplexer inputs) are similar devices
with different specification limits. The differences in these
device families are summarized below.
Device
Family
ILE, TUE,
PSS
THD, SNR,
ENOB
Max.
Conversion
Time
ADC1046x
Guaranteed
-
900ns
ADC1046x
-
Guaranteed
900ns
ADC1066x
-
Guaranteed
466ns
Applications Information
1.0 MODES OF OPERATION
The ADC10461, ADC10462, and ADC10464 have two basic
digital interface modes. Figure 1 and Figure 2 are timing
diagrams for the two modes. The ADC10462 and ADC10464
have input multiplexers that are controlled by the logic levels
on pins S
0 and S1 when S/H goes low. Tables 1, 2 are truth
tables showing how the input channels are assigned.
Mode 1
In this mode, the S/H pin controls the start of conversion. S/H
is pulled low for a minimum of 250 ns. This causes the
comparators in the “coarse” flash converter to become ac-
tive. When S/H goes high, the result of the coarse conver-
sion is latched and the “fine” conversion begins. After 600 ns
(typical), INT goes low, indicating that the conversion results
are latched and can be read by pulling RD low. Note that CS
must be low to enable S/H or RD. CS is internally “ANDed”
with S/H and RD; the input voltage is sampled when CS and
S/H are low, and data is read when CS and RD are low. INT
is reset high on the rising edge of RD.
TABLE 1. Input Multiplexer Programming
ADC10464
S
1
S
0
Channel
00
V
IN0
01
V
IN1
10
V
IN2
11
V
IN3
TABLE 2. Input Multiplexer Programming
ADC10462
S
0
Channel
0V
IN0
1V
IN1
Mode 2
In Mode 2, also called “RD mode”, the S/H and RD pins are
tied together. A conversion is initiated by pulling both pins
low. The A/D converter samples the input voltage and
causes the coarse comparators to become active. An inter-
nal timer then terminates the coarse conversion and begins
the fine conversion. 850 ns (typical) after S/H and RD are
pull low, INT goes low, indicating that the conversion is
completed. Approximately 20 ns later the data appearing on
the TRI-STATE output pins will be valid. Note that data will
appear on these pins throughout the conversion, but until
INT goes low the data at the output pins will be the result of
the previous conversion.
2.0 REFERENCE CONSIDERATIONS
The ADC10461, ADC10462, and ADC10464 each have two
reference inputs. These inputs, V
REF+ and VREF−, are fully
differential and define the zero to full-scale range of the input
signal. The reference inputs can be connected to span the
entire supply voltage range (V
REF− =0V, VREF+ =VCC) for
ratiometric applications, or they can be connected to differ-
ent voltages (as long as they are between ground and V
CC)
when other input spans are required.
Reducing the overall V
REF span to less than 5V increases
the sensitivity of the converter (e.g., if V
REF = 2V, then 1 LSB
= 1.953 mV). Note, however, that linearity and offset errors
become larger when lower reference voltages are used. See
the Typical Performance Curves for more information. For
this reason, reference voltages less than 2V are not recom-
mended.
In most applications, V
REF− will simply be connected to
ground, but it is often useful to have an input span that is
offset from ground. This situation is easily accommodated by
the
reference
configuration
used
in
the ADC10461,
ADC10462, and ADC10464. V
REF− can be connected to a
voltage other than ground as long as the voltage source
connected to this pin is capable of sinking the converter’s
reference current (12.5 mA Max @ V
REF = 5V). If VREF− is
connected to a voltage other than ground, bypass it with
multiple capacitors.
Since the resistance between the two reference inputs can
be as low as 400
Ω, the voltage source driving the reference
inputs should have low output impedance. Any noise on
either reference input is a potential cause of conversion
errors, so each of these pins must be supplied with a clean,
low noise voltage source. Each reference pin should be
bypassed with a 10 µF tantalum and a 0.1 µF ceramic.
3.0 THE ANALOG INPUT
The ADC10461, ADC10462, and ADC10464 sample the
analog input voltage once every conversion cycle. When this
happens, the input is briefly connected to an impedance
approximately equal to 600
Ω in series with 35 pF. Short-
duration current spikes can be observed at the analog input
during normal operation. These spikes are normal and do
not degrade the converter’s performance.
Large source impedances can slow the charging of the
sampling capacitors and degrade conversion accuracy.
Therefore, only signal sources with output impedances less
than 500
Ω should be used if rated accuracy is to be
achieved at the minimum sample time (250 ns maximum). If
the sampling time is increased, the source impedance can
be larger. If a signal source has a high output impedance, its
output should be buffered with an operational amplifier. The
operational amplifier’s output should be well-behaved when
driving a switched 35 pF/600
Ω load. Any ringing or voltage
shifts at the op amp’s output during the sampling period can
result in conversion errors.
Correct conversion results will be obtained for input voltages
greater than GND − 50 mV and less than V
+ + 50 mV. Do not
allow the signal source to drive the analog input pin beyond
the Absolute Maximum Rating. If an analog input pin is
forced beyond these voltages, the current flowing through
the pin should be limited to 5 mA or less to avoid permanent
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com