Electronic Components Datasheet Search
  English  ▼

X  

IS25WD040 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS25WD040
Description  2 Mbit / 4 Mbit Single Operating Voltage Serial Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WD040 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS25WD040 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25WD040 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25WD040 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25WD040 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25WD040 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25WD040 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25WD040 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25WD040 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25WD040 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
IS25WD020/040
Integrated Silicon Solution, Inc.- www.issi.com
Rev. F
07/31/2013
2
CONNECTION DIAGRAMS
PIN DESCRIPTIONS
SYMBOL
TYPE
DESCRIPTION
CE#
INPUT
Chip Enable: CE# low activates the devices internal circuitries for
device operation. CE# high deselects the devices and switches into
standby mode to reduce the power consumption. When a device is not
selected, data will not be accepted via the serial input pin (Sl), and the
serial output pin (SO) will remain in a high impedance state.
SCK
INPUT
Serial Data Clock
SIO
INPUT/OUTPUT
Serial Data Input/Output
SO
OUTPUT
Serial Data Output
GND
Ground
Vcc
Device Power Supply
WP#
INPUT
Write Protect: A hardware program/erase protection for all or part of a
memory array. When the WP# pin is low, memory array write-protection depends
on the setting of BP2, BP1 and BP0 bits in the Status Register. When the WP# is
high, the devices are not write-protected.
HOLD#
INPUT
Hold: Pause serial communication by the master device without resetting
the serial sequence.
CE#
CE#
SO
WP#
GND
Vcc
HOLD#
SCK
SIO
SIO
SCK
HOLD#
Vcc
SO
WP#
GND
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
8-Pin SOIC/VVSOP
8-Contact WSON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com