Electronic Components Datasheet Search
  English  ▼

X  

DF7-2022SC Datasheet(PDF) 3 Page - Hirose Electric

Part # DF7-2022SC
Description  3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF7-2022SC Datasheet(HTML) 3 Page - Hirose Electric

  DF7-2022SC Datasheet HTML 1Page - Hirose Electric DF7-2022SC Datasheet HTML 2Page - Hirose Electric DF7-2022SC Datasheet HTML 3Page - Hirose Electric DF7-2022SC Datasheet HTML 4Page - Hirose Electric DF7-2022SC Datasheet HTML 5Page - Hirose Electric DF7-2022SC Datasheet HTML 6Page - Hirose Electric DF7-2022SC Datasheet HTML 7Page - Hirose Electric DF7-2022SC Datasheet HTML 8Page - Hirose Electric DF7-2022SC Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
sMaterials
Product
Sockets
Headers
In-line plug
Retainer
Crimp contacts
Part
Insulator
Insulator
Contact
Insulator
Insulator
Contacts
Material
Polyamide
Polyamide
(Glass reinforced)
High conductivity copper alloy
Polyamide
Polyamide
High conductivity copper alloy
Finish
Color: White
Color: Beige (Single row)
Color: Grey (Double row)
Tin-lead plating (Note)
Color: White
Color: Black
Tin plating (Note)
Remarks
UL94V-0
UL94V-0
----------------
UL94V-0
UL94V-0
----------------
sProduct Specifications
Ratings
Current
rating
Row
No. of contacts AWG16 AWG18 AWG20 AWG22 AWG24 AWG26
1
2~10
10A
7A
5A
4A
4A
3A
4
10A
9A
7A
6A
4A
3A
6
9A8A6A5A4A3A
2
8
9A
8A
6A
5A
4A
3A
10
8A
7A
5A
4A
4A
3A
12
8A
7A
5A
4A
4A
3A
Operating temperature range
Operating humidity range
Storage temperature range
Storage humidity range
-10çto 60ç (Note 2)
40% to 70% (Note 2)
-35ç to 85ç (Note 1)
20% to 80%
Voltage
rating
Specificatoin
UL/C-UL
TÜV
AC630V
AC/DC 600V
AC/DC 600V(7.92mm pitch)
AC/DC 300V (3.96mm pitch)
UL/C-UL/TÜV
UL
C-UL
TÜV
File No.and Recognition No
:E52653
:E52653
:R9750437
10 m ohms max. 20mV max., 1mA
500 V DC
1500 V AC for 1 minute
Measured with a steel pin of 0.64 x 1.2 ± 0.002 mm
Contact resistance of 20 m ohms max.
Frequency 10 to 55 Hz, single amplitude of 0.75 mm, 3 axis, 2
hours
Acceleration of 490 m/s2, 11 ms duration, sine half-wave
waveform, 3 cycles in each of the 3 axis.
Temperature 40
ç ± 2ç, 90% to 95% RH, 96 hours
(-55ç: 30 minutes ¡ 5 to 35ç: 5 minutes ¡ 85ç: 30 minutes ¡ 5
to 35ç: 5 minutes) for 5 cycles
Flow solder temperature 250ç, 10 seconds
Manual soldering: Soldering iron temperature 300ç, 3 seconds
Contact resistance(Initial value)
1000 M ohms min.
No flashover or Insulator breakdown
0.3N min., 4.5N max.
30 cycles
No momentary disconnections of 1 µs min.
No electrical discontinuity of 1 µs. min.
Contact resistance 20 m ohms max.
Contact resistance of 20 m ohms max.
No deformation of the insulator parts affecting
performance
11. Contact resistance
12. Insulator resistance
13. Withstanding voltage
14. Insertion-Extraction force
(per contact)
15. Durability
(mating/unmating)
16. Vibration
17. Shock
18. Humidity
19. Temperature cycle
10. Resistance to
soldering heat
Item
Specification
Condition
Note 1: Includes temperature rise caused by the current flow.
Note 2: The term “storage” refers to products stored for long period of time prior to mounting and use. Operating Temperature Range
and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during transportation.
Note: Hirose Electric's plating incorporates anti-whisking compounds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com