Electronic Components Datasheet Search
  English  ▼

X  

ADC10731CIWM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10731CIWM
Description  10-Bit Plus Sign Serial I/O A/D Converters with Mux,
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10731CIWM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC10731CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC10731CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC10731CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC10731CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC10731CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10731CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10731CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10731CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10731CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Ordering Information
Industrial Temperature Range
Package
−40˚C
≤ T
A ≤ +85˚C
ADC10731CIWM
M16B
ADC10732CIWM
M20B
ADC10734CIMSA
MSA20
ADC10734CIWM
M20B
ADC10738CIWM
M24B
Pin Descriptions
CLK
The clock applied to this input controls the suc-
cessive approximation conversion time interval,
the acquisition time and the rate at which the se-
rial data exchange occurs. The rising edge loads
the information on the DI pin into the multiplexer
address shift register. This address controls
which channel of the analog input multiplexer
(MUX) is selected. The falling edge shifts the
data resulting from the A/D conversion out on
DO. CS enables or disables the above functions.
The clock frequency applied to this input can be
between 5 kHz and 3 MHz.
DI
This is the serial data input pin. The data applied
to this pln is shifted by CLK into the multiplexer
address register.
Tables 1, 2, 3 show the multi-
plexer address assignment.
DO
The data output pin. The A/D conversion result
(DB0-SIGN) are clocked out by the failing edge
of CLK on this pin.
CS
This is the chip select input pin. When a logic low
is applied to this pin, the rising edge of CLK
shifts the data on DI into the address register.
This low also brings DO out of TRI-STATE after
a conversion has been completed.
PD
This is the power down input pin. When a logic
high is applied to this pin the A/D is powered
down. When a low is applied the A/D is powered
up.
SARS
This is the successive approximation register
status output pin. When CS is high this pin is in
TRI-STATE. With CS low this pin is active high
when a conversion is in progress and active low
at all other times.
CH0–CH7 These are the analog inputs of the MUX. A chan-
nel input is selected by the address information
at the DI pin, which is loaded on the rising edge
of CLK into the address register (see
Tables 1, 2,
3).
The voltage applied to these inputs should not
exceed AV
+ or go below GND by more than
50 mV. Exceeding this range on an unselected
channel will corrupt the reading of a selected
channel.
COM
This pin is another analog input pln. It can be
used as a “pseudo ground” when the analog
multiplexer is single-ended.
V
REF+
This is the positive analog voltage reference in-
put. In order to malntaln accuracy, the voltage
range V
REF (VREF = VREF+– VREF−) is 0.5 VDCto
5.0 V
DC and the voltage at VREF+ cannot exceed
AV
+ +50 mV.
V
REF−
The negative voltage reference input. In order to
maintain accuracy, the voltage at this pin must
not go below GND − 50 mV or exceed AV
+
+50mV.
AV
+,DV+
These are the analog and digital power supply
pins. These pins should be tied to the same
power supply and bypassed separately. The op-
erating voltage range of AV
+ and DV+ is 4.5 V
DC
to 5.5 V
DC.
DGND
This is the digital ground pin.
AGND
This is the analog ground pin.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com