Electronic Components Datasheet Search
  English  ▼

X  

ADC1173 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC1173
Description  8-Bit, 3-Volt, 15MSPS, 33mW A/D Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1173 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC1173 Datasheet HTML 1Page - National Semiconductor (TI) ADC1173 Datasheet HTML 2Page - National Semiconductor (TI) ADC1173 Datasheet HTML 3Page - National Semiconductor (TI) ADC1173 Datasheet HTML 4Page - National Semiconductor (TI) ADC1173 Datasheet HTML 5Page - National Semiconductor (TI) ADC1173 Datasheet HTML 6Page - National Semiconductor (TI) ADC1173 Datasheet HTML 7Page - National Semiconductor (TI) ADC1173 Datasheet HTML 8Page - National Semiconductor (TI) ADC1173 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Block Diagram
Pin Descriptions and Equivalent Circuits
Pin
No.
Symbol
Equivalent Circuit
Description
19
V
IN
Analog signal input. Conversion range is V
RB to
V
RT.
16
V
RTS
Reference Top Bias with internal pull-up resistor.
Short this pin to V
RT to self bias the reference
ladder.
17
V
RT
Analog Input that is the high (top) side of the
reference ladder of the ADC. Nominal range is 1.0V
to AV
DD. Voltage on VRT and VRB inputs define the
V
IN conversion range. Bypass well. See Section 2.0
for more information.
23
V
RB
Analog Input that is the low (bottom) side of the
reference ladder of the ADC. Nominal range is 0V
to 2.0V. Voltage on V
RT and VRB inputs define the
V
IN conversion range. Bypass well. See Section 2.0
for more information.
DS100890-2
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com