Electronic Components Datasheet Search
  English  ▼

X  

ADC10732CIWM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10732CIWM
Description  10-Bit Plus Sign Serial I/O A/D Converters with Mux,
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10732CIWM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC10732CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC10732CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC10732CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC10732CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10732CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10732CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10732CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10732CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC10732CIWM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Electrical Characteristics (Continued)
The following specifications apply for V
+ = AV+ = DV+ = +5.0 V
DC,VREF+ = 2.5 VDC,VREF− = GND, VIN− = 2.5V for Signed
Characteristics, V
IN− = GND for Unsigned Characteristics and fCLK = 2.5 MHz unless otherwise specified. Boldface limits ap-
ply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = +25˚C. (Notes 8, 9, 10)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 11)
(Note 12)
(Limits)
REFERENCE INPUT AND MULTIPLEXER CHARACTERISTICS
(Note 15)
Off Channel = 0V
On Channel = 0V and
−0.4
−3.0
µA(max)
Off Channel = 5V
REFERENCE CHARACTERISTICS
V
REFOut
Reference Output Voltage
2.5V ±0.5%
2.5V ±2%
V(max)
∆V
REF/∆TVREFOut Temperature Coefficient
±40
ppm/˚C
∆V
REF/∆IL
Load Regulation, Sourcing
0 mA
≤ I
L ≤ +4 mA
±0.003
±0.05
%/mA(max)
∆V
REF/∆IL
Load Regulation, Sinking
0 mA
≤ I
L ≤ −1 mA
±0.2
±0.6
%/mA(max)
Line Regulation
5V ±10%
±0.3
±2.5
mV(max)
I
SC
Short Circuit Current
V
REFOut = 0V
13
22
mA(max)
Noise Voltage
10 Hz to 10 kHz,
C
L = 100 µF
5µV
∆V
REF/∆t
Long-term Stability
±120
ppm/kHr
t
SU
Start-Up Time
C
L = 100 µF
100
ms
DIGITAL AND DC CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
V
+ = 5.5V
2.0
V(min)
V
IN(0)
Logical “0” Input Voltage
V
+ = 4.5V
0.8
V(max)
I
IN(1)
Logical “1” Input Current
V
IN = 5.0V
0.005
+2.5
µA(max)
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−0.005
−2.5
µA(max)
V
OUT(1)
Logical “1” Output Voltage
V
+ = 4.5V, I
OUT = −360 µA
2.4
V(min)
V
+ = 4.5V, I
OUT = −10 µA
4.5
V(min)
V
OUT(0)
Logical “0” Output Voltage
V
+ = 4.5V, I
OUT = 1.6 mA
0.4
V(min)
I
OUT
TRI-STATE Output Current
V
OUT = 0V
−0.1
−3.0
µA(max)
V
OUT = 5V
+0.1
+3.0
µA(max)
+I
SC
Output Short Circuit Source Current
V
OUT = 0V, V
+ = 4.5V
−30
−15
mA(min)
−I
SC
Output Short Circuit Sink Current
V
OUT= V
+ = 4.5V
30
15
mA(min)
I
D+
Digital Supply Current
CS = HIGH, Power Up
0.9
1.3
mA(max)
(Note 17)
CS = HIGH, Power Down
0.2
0.4
mA(max)
CS = HIGH, Power Down,
and CLK Off
0.5
50
µA(max)
I
A+
Analog Supply Current
CS = HIGH, Power Up
2.7
6.0
mA(max)
(Note 17)
CS = HIGH, Power Down
3
15
µA(max)
I
REF
Reference Input Current
V
REF+ = +2.5V and
0.6
mA(max)
CS = HIGH, Power Up
AC CHARACTERISTICS
f
CLK
Clock Frequency
3.0
2.5
MHz(max)
5
kHz(min)
Clock Duty Cycle
40
%(min)
60
%(max)
t
C
Conversion Time
12
12
Clock
Cycles
5
5
µs(max)
t
A
Acquisition Time
4.5
4.5
Clock
Cycles
2
2
µs(max)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com