Electronic Components Datasheet Search
  English  ▼

X  

PN6421 Datasheet(PDF) 1 Page - Mallory performance club

Part # PN6421
Description  MSD 6AL-2 Ignition Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN6421 Datasheet(HTML) 1 Page - Mallory performance club

  PN6421 Datasheet HTML 1Page - Mallory performance club PN6421 Datasheet HTML 2Page - Mallory performance club PN6421 Datasheet HTML 3Page - Mallory performance club PN6421 Datasheet HTML 4Page - Mallory performance club PN6421 Datasheet HTML 5Page - Mallory performance club PN6421 Datasheet HTML 6Page - Mallory performance club PN6421 Datasheet HTML 7Page - Mallory performance club PN6421 Datasheet HTML 8Page - Mallory performance club PN6421 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
Parts Included:
1 - MSD Ignition
1 - Screwdriver
4 - Vibration Mounts
1 - Harness, PN 8860
1 - Parts Bag, ASY 28928
WARNING: During installation, disconnect the battery cables. When disconnecting the battery always
remove the Negative cable first and install it last.
Note: Solid Core spark plug wires cannot be used with an MSD Ignition.
Note: Do not use digital or dial back timing lights.
LED INDICATOR
There is an LED that monitors the status of the Ignition. The LED monitors the trigger signals and will
flash to warn if the supply voltage drops below 9 volts while under 3,000 rpm.
OPERATION AND FEATURES
DIGITAL OPERATION
The MSD 6AL-2 uses a high speed RISC microcontroller to control the ignition's output while constantly
analyzing the various inputs such as supply voltage, trigger signals and rpm. The high speed con-
troller can make extremely quick compensations to the output voltage, multiple spark series, timing
and rpm limits while maintaining accurate timing signals to within 1° and 1% of the rpm limits. The
circuits and controller of the 6AL-2 have been thoroughly filtered to create protection against Electro
Magnetic Interference (EMI).
CAPACITIVE DISCHARGE
The MSD 6AL-2 features a capacitive discharge ignition design. The majority of stock ignition
systems are inductive ignitions. In an inductive ignition, the coil must store and step up the voltage
to maximum strength in between each firing. At higher rpm, since there is less time to charge the coil
to full capacity, the voltage falls short of reaching maximum energy which results in a loss of power
or top end miss.
The MSD Ignition features a capacitor which is quickly charged with 520 - 535 volts and stores it until
the ignition is triggered. With the CD design, the voltage sent to the coil is always at full power even
at high rpm.
MULTIPLE SPARKS
The MSD produces full power multiple sparks for each firing of a plug. The number of multiple sparks
that occur decreases as rpm increases, however the spark series always lasts for 20° of crankshaft
rotation. Above 3,000 rpm there is simply not enough “time” to fire the spark plug more than once,
so there is only one powerful spark.
PROTECTION
The MSD 6AL-2 has a built in reverse polarity protection circuit. This will protect the ignition in the
event of wrong connections. It will also shut off for protection from a surge in power. The ignition will
still operate once the surge or polarity is corrected.
MSD 6AL-2 Ignition Control
PN 6421
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - PN6421

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN6425 MALLORY-PN6425 Datasheet
241Kb / 4P
Digital 2-Step
PN6427 MALLORY-PN6427 Datasheet
341Kb / 12P
MSD Circle Track Ignition
More results

Similar Description - PN6421

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
6A-PN6201 MALLORY-6A-PN6201 Datasheet
1Mb / 20P
MSD Digital 6A and 6AL Ignition Control
PN6014 MALLORY-PN6014 Datasheet
1Mb / 12P
MSD LS Ignition Control
PN65303 MALLORY-PN65303 Datasheet
728Kb / 20P
Programmable 6AL-2 Ignition Control
6014 MALLORY-6014 Datasheet
1Mb / 12P
MSD LS Ignition Control
6425 MALLORY-6425 Datasheet
1Mb / 20P
MSD Digital 6A and 6AL Ignition Control
60143 MALLORY-60143 Datasheet
1Mb / 12P
MSD LS Ignition Control
PN6530 MALLORY-PN6530 Datasheet
728Kb / 20P
Programmable 6AL-2 Ignition Control
PN62013 MALLORY-PN62013 Datasheet
1Mb / 20P
MSD Digital 6A and 6AL Ignition Control
6201 MALLORY-6201 Datasheet
1Mb / 20P
MSD Digital 6A and 6AL Ignition Control
PN6201 MALLORY-PN6201 Datasheet
1Mb / 20P
MSD Digital 6A and 6AL Ignition Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com