Electronic Components Datasheet Search
  English  ▼

X  

HT-1-2 Datasheet(PDF) 1 Page - Hirose Electric

Part # HT-1-2
Description  Stripline Mounting Non-reflective Terminations
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT-1-2 Datasheet(HTML) 1 Page - Hirose Electric

  HT-1-2 Datasheet HTML 1Page - Hirose Electric HT-1-2 Datasheet HTML 2Page - Hirose Electric HT-1-2 Datasheet HTML 3Page - Hirose Electric HT-1-2 Datasheet HTML 4Page - Hirose Electric HT-1-2 Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
72
Stripline Mounting Non-reflective Terminations
HT Series
sFeatures
1.High Performance
These super wide bandwidth/ultra high matching
non-reflective termination use Hirose Electric
original high frequency matching technology.
2.Equipped with Tabs
Termination are equipped with tabs to permit direct
mounting to flat circuits.
3.Housing functions as a radiator to
permit small size and high-density
mounting.
sProduct Specifications
NOTE: The frequency range and the maximum input power will differ depending on the products.
HT-025-1, HT-025-2, HT-05-2, HT-1-1, HT-1-2, HT-1-3, HT-10-2, HT-20-3, and HT-50-1
qThe test method conforms to MIL-STD-202.
sMaterials
Ratings
Rated frequency range (Note)
Characteristic impedance
Maximum Input Power (Note)
DC to 15.0 GHz
50 ohms
0.25 to 50 W
Operating temperature range
Operating relative humidity
-10ç to +60ç
95% Max.
Item
Standard
Conditions
1.Vibration
2.Shock
3.Temperature cycle
No electrical discontinuity of 1 µs or more
No damage, cracks, or parts dislocation
No damage, cracks, or parts dislocation
Frequency of 10 to 2000 Hz, overall amplitude of 1.52 mm,
acceleration of 98 m/s2 for 2 hours in each of 3 directions
Acceleration of 490 m/s2, sine half-wave waveform,
3 cycles in each of the 3 axis
Temperature: -55ç ¡ +5ç to +35ç ¡ +85ç ¡ +5ç to +35ç
Time: 30 ¡ 15 max. ¡ 30 ¡15 max. (Minutes)
200 cycles
Part
Tabs
Copper
Solder plating
Resistor
Metal film
----------
Material
Finish
HT-1-3
HT-30-1
HT-50-1
HT-10-2
HT-20-3
HT-1-2
HT-1-1
HT-025-1 HT-05-2 HT-025-2
HT-30-1
HT-025-1, HT-025-2, and HT-05-2
qThe test method conforms to MIL-STD-202.
Item
Standard
Conditions
1.Vibration
2.Shock
3.Temperature cycle
No electrical discontinuity of 1 µs or more
No damage, cracks, or parts dislocation
No damage, cracks, or parts dislocation
Frequency of 10 to 2000 Hz, overall amplitude of 1.52 mm,
acceleration of 98 m/s2 for 2 hours in each of 3 directions
Acceleration of 294 m/s2, sine half-wave waveform,
3 cycles in each of the 3 axis
Temperature: -55ç ¡ +5ç to +35ç ¡ +120ç ¡ +5ç to +35ç
Time: 30 ¡ 15 max. ¡ 30 ¡15 max. (Minutes)
200 cycles
Part
Plate
Aluminum
Nickel plating
Tabs
Copper
Solder plating
Resistor
Metal film
----------
Material
Finish
HT-1-1, HT-1-2, and HT-1-3
Part
Plate
Copper
Nickel plating
Tabs
Copper
Silver plating
Resistor
Metal film
----------
Material
Finish
HT-10-2, HT-20-3, and HT-50-1
Part
Plate
Aluminum
Conductive alumite
Retaining plate
Phosphor bronze
Nickel plating
Tabs
Copper
Tin plating
Resistor
Metal film
----------
Material
Finish
HT-30-1


Similar Part No. - HT-1-2

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HT-100V150MH10E-R2 TAIYO-YUDEN-HT-100V150MH10E-R2 Datasheet
244Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT]
HT-100V150MH10EQ-R2 TAIYO-YUDEN-HT-100V150MH10EQ-R2 Datasheet
244Kb / 2P
FOR AUTOMOTIVE CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT]
logo
Hirose Electric
HT-102/RP34L-SC1-212 HIROSE-HT-102/RP34L-SC1-212 Datasheet
366Kb / 7P
Low Profile Connectors for AC power supply
HT-102/RP34L-SC1-212 HIROSE-HT-102/RP34L-SC1-212 Datasheet
623Kb / 12P
Small I/O connectors for AC adapters
logo
Taiyo Yuden (U.S.A.), I...
HT-10V101MF61-R2 TAIYO-YUDEN-HT-10V101MF61-R2 Datasheet
245Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT]
More results

Similar Description - HT-1-2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
BNC-TMJ-30 HIROSE-BNC-TMJ-30 Datasheet
54Kb / 1P
Non-reflective Terminations (Box Type)
BNC-TMP-05 HIROSE-BNC-TMP-05 Datasheet
231Kb / 3P
Non-reflective Terminations (BNC)
HRM-601 HIROSE-HRM-601 Datasheet
299Kb / 3P
Non-reflective Terminations (SMA Type)
HRMM-601A HIROSE-HRMM-601A Datasheet
169Kb / 3P
Non-reflective Terminations (N, TNC, SSMA, POB, FL, and PO6)
HRM-TM-025 HIROSE-HRM-TM-025 Datasheet
153Kb / 3P
Stripline Non-reflective Terminations (Externally Mounted)
MR-201 HIROSE-MR-201 Datasheet
49Kb / 1P
Feed-through Non-reflecting Terminations
logo
Analog Devices
HMC284AMS8G AD-HMC284AMS8G Datasheet
309Kb / 6P
Non-Reflective Design
logo
Kemet Corporation
ALP KEMET-ALP Datasheet
203Kb / 4P
Board Mounting or Solder Tag Terminations
logo
Hirose Electric
AT-2200 HIROSE-AT-2200 Datasheet
178Kb / 3P
SMT Stripline Mounting Fixed Attenuators
AT-2300 HIROSE-AT-2300 Datasheet
221Kb / 3P
Stripline Mounting Fixed Attenuators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com