Electronic Components Datasheet Search
  English  ▼

X  

HT-10-2 Datasheet(PDF) 5 Page - Hirose Electric

Part # HT-10-2
Description  Stripline Mounting Non-reflective Terminations
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT-10-2 Datasheet(HTML) 5 Page - Hirose Electric

  HT-10-2 Datasheet HTML 1Page - Hirose Electric HT-10-2 Datasheet HTML 2Page - Hirose Electric HT-10-2 Datasheet HTML 3Page - Hirose Electric HT-10-2 Datasheet HTML 4Page - Hirose Electric HT-10-2 Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
76
Terminations for the Division Part of a Wilkinson Divider (100 ohms Type)
HT Series
sFeatures
1.High Performance
These wide bandwidth/ultra high matching non-
reflective termination use Hirose Electric original
high frequency matching technology.
2.Equipped with Tabs
Termination are equipped with tabs to permit direct
mounting to Wilkinson type flat circuits.
3.High Power and Small Size
Beryllia is used for the material of the resistance
element to enable the termination to be of small
size and used with high power.
HT-20-3(100)
sProduct Specifications
sMaterial
sExternal Dimensions
Ratings
Rated frequency range
Characteristic impedance
Maximum Input Power
Resistance value
DC to 8.0 GHz
100 ohms
20W
100±2 ohms
Heat sink temperature
at maximum output
Operating temperature range
Operating relative humidity Weight
+65çMax.
10çto +65ç
95% Max.
0.4 g
Item
Standard
Conditions
1.Vibration
2.Shock
3.Temperature cycle
No electrical discontinuity of 1 µs or more
No damage, cracks, or parts dislocation
No damage, cracks, or parts dislocation
Frequency of 10 to 2000 Hz, overall amplitude of 1.52 mm,
acceleration of 98 m/s2 for 2 hours in each of 3 directions
Acceleration of 490 m/s2, sine half-wave waveform,
3 cycles in each of the 3 axis
Temperature: -55ç ¡ +5ç to +35ç ¡ +120ç ¡ +5ç to +35ç
Time: 30 ¡ 15 max. ¡ 30 ¡15 max. (Minutes)
200 cycles
Part
Plate
Copper
Nickel plating
Tabs
Copper
Silver plating
Resistor
Metal film
----------
Material
Finish
CAUTION: Beryllia is used in this product. Please follow associated laws when disposing.
∆!



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com