Electronic Components Datasheet Search
  English  ▼

X  

7702NH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7702NH
Description  Industrial Data Solutions LonWorks Cables
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7702NH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7702NH Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
I N D U S T R I A L A U T O M A T I O N & P R O C E S S C O N T R O L C A B L E S
Industrial Data Solutions® — LonWorks Cables
22 AWG
Solid Bare Copper • Twisted Pairs
Foam Polyethylene Insulation • White Low Smoke, Zero Halogen Jacket
(Colour Code: White/Blue, Blue/White)
7701NH IEC 332-3C
1000
305
10.6
4.8
22 AWG
.091
2.3
—
.138
3.5
100
68% 14.0
46.0
BS 7655
1640
500
17.6
8.0
(solid)
.025ʺ
16.8Ω/Mʹ
55.0Ω/km
Foam Polyethylene Insulation • White Low Smoke, Zero Halogen Jacket
(Colour Code: White/Blue, Blue/White; Orange/White, White/Orange)
7702NH IEC 332-3C
1000
305
19.6
8.9
22 AWG
.158
4.0
—
.205
5.2
100
68% 14.0
46.0
BS 7655
(solid)
.025ʺ
16.8Ω/Mʹ
55.0Ω/km
22 AWG
Solid Bare Copper • Twisted Pairs • Overall 100% Beldfoil® Shield • 24 AWG Stranded Tinned Copper Drain Wire
Foam Polyolefin Insulation • White Low Smoke, Zero Halogen Jacket
(Colour Code: White/Blue, Blue/White)
7703NH IEC 332-3C
1000
305
17.8
8.1
22 AWG
.122
3.1
100%
.181
4.6
100
68% 24.4
80.0
BS 7655
(solid)
Beldfoil
.025ʺ
10.4Ω/Mʹ
16.8Ω/Mʹ
34.0Ω/km
55.0Ω/km
Foam Polyethylene Insulation • White Low Smoke, Zero Halogen Jacket
(Colour Code: White/Blue, Blue/White; Orange/White, White/Orange)
7704NH IEC 332-3C
1000
305
27.1 12.3
22 AWG
.209
5.3
100%
.256
6.5
100
68% 12.2
40.0
BS 7655
1640
500
44.3 20.1
(solid)
Beldfoil
3109
1020
88.5 40.2
.025ʺ
5.2Ω/Mʹ
16.8Ω/Mʹ
17.0Ω/km
55.0Ω/km
DCR = DC Resistance
.772
.4
1.3
1
.5
1.5
4
.9
3.1
10
1.5
4.9
16
1.9
6.3
20
2.1
6.9
.772
.4
1.3
1
.5
1.5
4
.9
3.1
10
1.5
4.9
16
1.9
6.3
20
2.1
6.9
.772
.5
1.8
1
.6
2.0
4
1.1
3.6
10
1.7
5.5
16
2.1
7.0
20
2.4
7.8
.772
.5
1.8
1
.6
2.0
4
1.1
3.6
10
1.7
5.5
16
2.1
7.0
20
2.4
7.8
80°C
80°C
80°C
80°C
Shielding
Materials
Nom. DCR
Nom.
Imp.
(Ω)
Nominal
Core OD
Nominal OD
Inch
mm
Inch
mm
Conductor
(stranding)
Diameter
Nom. DCR
Standard
Unit Weight
Standard Lengths
Lbs.
kg
Ft.
m
UL NEC/
C(UL) CEC
Type
Part
No.
MHz
dB/
100 Ft.
dB/
100m
Nominal
Attenuation
Nominal
Capacitance
pF/m
pF/Ft.
Nom.
Vel.
of
Prop.
Description
33
B e l d e n C D T E l e c t r o n i c s D i v i s i o n E u r o p e Te c h n i c a l S u p p o r t
Te l + 3 1 7 7 3 8 7 5 4 1 4 e m a i l t e c h . s u p p o r t @ b e l d e n . n l o r v i s i t w w w. b e l d e n c d t - i n d t u ff . c o m


Similar Part No. - 7702NH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7702NH BELDEN-7702NH Datasheet
156Kb / 3P
LonWorks, 2PR #22 Sol BC, PO ins, Unsh, LSNH Jkt, 300V, Dca
12-19-2022
7702NH.00305 BELDEN-7702NH.00305 Datasheet
156Kb / 3P
LonWorks, 2PR #22 Sol BC, PO ins, Unsh, LSNH Jkt, 300V, Dca
12-19-2022
7702NH.00U305 BELDEN-7702NH.00U305 Datasheet
156Kb / 3P
LonWorks, 2PR #22 Sol BC, PO ins, Unsh, LSNH Jkt, 300V, Dca
12-19-2022
More results

Similar Description - 7702NH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74003PU ETC2-74003PU Datasheet
295Kb / 4P
Industrial Ethernet Cables
logo
Panasonic Semiconductor
BR2032-F2N PANASONIC-BR2032-F2N Datasheet
104Kb / 4P
INDUSTRIAL SOLUTIONS
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
Solutions for Industrial Automation
7201A ETC2-7201A Datasheet
103Kb / 3P
300V Flex Data Cables
1319753 ETC2-1319753 Datasheet
280Kb / 4P
Industrial Ethernet Cables
1319759 ETC2-1319759 Datasheet
295Kb / 4P
Industrial Ethernet Cables
1319766 ETC2-1319766 Datasheet
286Kb / 4P
Industrial Ethernet Cables
logo
PANDUIT CORP.
T12F-C PANDUIT-T12F-C Datasheet
421Kb / 6P
Industrial Electrical Solutions
logo
Schneider Electric
VW3A21212 SCHNEIDER-VW3A21212 Datasheet
167Kb / 2P
communication card LonWorks
Apr 20, 2022
logo
Omron Electronics LLC
XS6 OMRON-XS6 Datasheet
2Mb / 12P
Industrial Ethernet Cables
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com