Electronic Components Datasheet Search
  English  ▼

X  

ADC10738CIWM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10738CIWM
Description  10-Bit Plus Sign Serial I/O A/D Converters with Mux,
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10738CIWM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC10738CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10738CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Absolute Maximum Ratings (Notes 1, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
+ = AV+ = DV+)
6.5V
Total Reference Voltage
(V
REF+– VREF−)
6.5V
Voltage at Inputs and Outputs
V
+ + 0.3V to −0.3V
Input Current at Any Pin (Note 4)
30 mA
Package Input Current (Note 4)
120 mA
Package Dissipation at T
A = 25˚C
(Note 5)
500 mW
ESD Susceptability (Note 6)
Human Body Model
2500V
Machine Model
150V
Soldering Information
N packages (10 seconds)
260˚C
SO Package (Note 7)
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
Storage Temperature
−40˚C to +150˚C
Operating Ratings (Notes 2, 3)
Operating Temperature Range
T
MIN ≤ TA ≤ TMAX
ADC10731CIWM,
ADC10732CIWM,
ADC10734CIWM,
ADC10734CIMSA,
ADC10738CIWM
−40˚C
≤ T
A ≤ +85˚C
Supply Voltage
(V
+ = AV+ = DV+)
+4.5V to +5.5V
V
REF+AV
+ +50 mV to −50 mV
V
REF−AV
+ +50 mV to −50 mV
V
REF (VREF+– VREF−)
+0.5V to V
+
Electrical Characteristics
The following specifications apply for V
+ = AV+ = DV+ = +5.0 V
DC,VREF+ = 2.5 VDC,VREF− = GND, VIN− = 2.5V for Signed
Characteristics, V
IN− = GND for Unsigned Characteristics and fCLK = 2.5 MHz unless otherwise specified. Boldface limits ap-
ply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = +25˚C. (Notes 8, 9, 10)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 11)
(Note 12)
(Limits)
SIGNED STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
10 + Sign
Bits
TUE
Total Unadjusted Error (Note 13)
±2.0
LSB(max)
INL
Positive and Negative Integral
±1.25
LSB(max)
Linearity Error
Positive and Negative
±1.5
LSB(max)
Full-Scale Error
Offset Error
±1.5
LSB(max)
Power Supply Sensitivity
Offset Error
V
+ = +5.0V ±10%
±0.2
±1.0
LSB(max)
+ Full-Scale Error
±0.2
±1.0
LSB(max)
− Full-Scale Error
±0.1
±0.75
LSB(max)
DC Common Mode Error (Note 14)
V
IN+ = VIN− = VIN where
±0.1
±0.33
LSB(max)
5.0V
≥ V
IN ≥ 0V
Multiplexer Channel to
±0.1
LSB
Channel Matching
UNSIGNED STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
10
Bits
TUE
Total Unadjusted Error (Note 13)
V
REF+ = 4.096V
±0.75
LSB
INL
Integral Linearity Error
V
REF+ = 4.096V
±0.50
LSB
Full-Scale Error
V
REF+ = 4.096V
±1.25
LSB(max)
Offset Error
V
REF+ = 4.096V
±1.25
LSB(max)
Power Supply Sensitivity
Offset Error
V
+ = +5.0V ±10%
±0.1
LSB
Full-Scale Error
V
REF+ = 4.096V
±0.1
LSB
DC Common Mode Error (Note 14)
V
IN+ = VIN− = VIN where
+5.0V
≥ V
IN ≥ 0V
±0.1
LSB
Multiplexer Channel to Channel
Matching
V
REF+ = 4.096V
±0.1
LSB
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com