Electronic Components Datasheet Search
  English  ▼

X  

PR-3.3V Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PR-3.3V
Description  3.3V PECL High Frequency VCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PR-3.3V Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PR-3.3V Datasheet HTML 1Page - Pericom Semiconductor Corporation PR-3.3V Datasheet HTML 2Page - Pericom Semiconductor Corporation PR-3.3V Datasheet HTML 3Page - Pericom Semiconductor Corporation PR-3.3V Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
All specifications are subject to change without notice.
PR 3.3V REV2008_DEC04_01.4
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.saronix-ecera.com
3.3V PECL High Frequency VCXO
3.3V PECL High Frequency VCXO
PR Series Voltage Controlled Crystal Oscillator (VCXO)
Legacy S1577 Series | 7.0 x 5.0mm
PR
Output Waveform
Test Circuit
Voltage Control Function
Output Enable/Disable Function
65
4
12
3
50
50
Test Point
(Termination
internal to scope)
+2.0V
-1.3V
Z = 50
0.1μF
0.01μF
0.1μF
0.01μF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com