Electronic Components Datasheet Search
  English  ▼

X  

PI3VDP1430 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3VDP1430
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP1430 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3VDP1430 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PI3HDX412BD
3.4Gbps HDMI 1.4b 1:2 Splitter/Demux with Equalization & Pre-emphasis
5
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
Power/Ground Pins
Pin #
Pin Name Type
Description
18
VDD18
Power
LDO Output Pin for internal core supplier. Add external 4.7 uF ca-
pacitor to GND
3,14,21,23,27,33,39,45,53 GND
Ground Ground Pins
2,6,11,15,24,30,36,42,48 VDD
Power
3.3V Power Supply
14-0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com