Electronic Components Datasheet Search
  English  ▼

X  

MS-147 Datasheet(PDF) 2 Page - Hirose Electric

Part # MS-147
Description  DC to 6GHz Ultra-Small Coaxial Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MS-147 Datasheet(HTML) 2 Page - Hirose Electric

  MS-147 Datasheet HTML 1Page - Hirose Electric MS-147 Datasheet HTML 2Page - Hirose Electric MS-147 Datasheet HTML 3Page - Hirose Electric MS-147 Datasheet HTML 4Page - Hirose Electric MS-147 Datasheet HTML 5Page - Hirose Electric MS-147 Datasheet HTML 6Page - Hirose Electric MS-147 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
118
Item
Standard
Conditions
Operating temperature range
Power rating
Frequency range
Insertion loss
Isolation
V.S.W.R.
Center 75m ohms max.
Outer 50m ohms max.
100mA max.
No electrical discontinuity for 10µs Min.
Frequency of 10 to 55 Hz, overall amplitude of 1.5
mm for 2 hours in each of 3 directions
Acceleration of 490 m/s2, sine half-wave waveform,
3 cycles in each of the 3 axis
Contact resistance: Center 100m ohms max.
Outer
75m ohms max.
12,000 cycles
1,000M ohms or more
No flashover or insulation breakdown
100V DC
100V AC / one minute
Contact resistance: Center 100m ohms max.
Outer
75m ohms max.
Insulation resistance
10M ohms min. Temperature : –55ç ¡ +5ç to +35ç ¡ 85ç ¡+5ç to 35ç
Time:30
¡15 max.
¡ 30 ¡ 15 max.
100 cycles
96 hours at temperature of 40ç and humidity of
90% to 95%
Contact resistance: Center 100m ohms max.
Outer
75m ohms max.
No excessive corrosion
Exposed to 5% salt water solution for 48 hours
Not mated with the plug
–30ç ~ +85ç
4 W
DC ~ 6 GHz
0.15dB Max. (DC
~ 2GHz)
0.2dB Max. (2GHz ~ 3GHz)
0.4dB Max. (3GHz ~ 6GHz)
0.2dB max. (DC
~ 2GHz)
0.3dB max. (2GHz
~ 2.5GHz)
0.4dB max. (2.5GHz ~ 3GHz)
0.8dB max. (3GHz
~ 6GHz)
25dB min. (DC
~ 1GHz)
20dB min. (1GHz ~ 3GHz)
14dB min. (3GHz ~ 6GHz)
1.2 Max. (DC
~ 3GHz)
1.5 Max. (3GHz ~ 6GHz)
1.25
max. (DC
~ 2GHz)
1.3
max. (2GHz
~ 2.5GHz)
1.4
max. (2.5GHz ~ 3GHz)
1.9
max. (3GHz
~ 6GHz)
–10ç ~ +65ç
4 W
DC ~ 6 GHz
Mared (MS-147-HRMJ-1)
sProduct Specifications
sMaterials
1.Contact resistance
2.Insulation resistance
3.Withstanding voltage
4. Vibration
5. Shock
6.Humidity
7.Temperature cycle
8.Salt spray
9.Durability
(Insertion/withdrawal)
Shell
Insulator
Common terminal
Board circuit side (N.C) terminal
Phosphor bronze
Polyamide resin
Berylium copper
Berylium copper
Gold plating
_________
Gold plating
Gold plating
_________
UL94HB
_________
_________
Part
Material
Finish
Remarks



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com