Electronic Components Datasheet Search
  English  ▼

X  

ADC12048EVAL Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12048EVAL
Description  12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12048EVAL Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button ADC12048EVAL Datasheet HTML 17Page - National Semiconductor (TI) ADC12048EVAL Datasheet HTML 18Page - National Semiconductor (TI) ADC12048EVAL Datasheet HTML 19Page - National Semiconductor (TI) ADC12048EVAL Datasheet HTML 20Page - National Semiconductor (TI) ADC12048EVAL Datasheet HTML 21Page - National Semiconductor (TI) ADC12048EVAL Datasheet HTML 22Page - National Semiconductor (TI) ADC12048EVAL Datasheet HTML 23Page - National Semiconductor (TI) ADC12048EVAL Datasheet HTML 24Page - National Semiconductor (TI) ADC12048EVAL Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Typical Performance Characteristics (See (Note 21), Electrical Characteristic Section) (Continued)
Register Bit Description
CONFIGURATION REGISTER (Write Only)
This is a 13-bit write-only register that is used to program the functionality of the ADC12048. All data written to the ADC12048 will
always go to this register only. The contents of this register cannot be read.
MSB
LSB
b
12
b
11
b
10
b
9
b
8
b
7
b
6
b
5
b
4
b
3
b
2
b
1
b
0
BW
COMMAND FIELD
SYNC
HB
SE
ACQ TIME
MUX ADDRESS
Power on State: 0100Hex
b
3–b0: The MUX ADDRESS bits configure the analog input MUX. They select which input channels of the MUX will connect to
the MUXOUT+ and MUXOUT− pins. (Refer to the MUX section for more details on the MUX.) Power-up value is 0000.
TABLE 1. MUX Channel Assignment
b
3
b
2
b
1
b
0
MUXOUT+
MUXOUT−
0000
CH0
CH1
0001
CH1
CH0
0010
CH2
CH3
0011
CH3
CH2
0100
CH4
CH5
0101
CH5
CH4
0110
CH6
CH7
0111
CH7
CH6
1000
CH0
COM
1001
CH1
COM
1010
CH2
COM
1011
CH3
COM
1100
CH4
COM
1101
CH5
COM
1110
CH6
COM
1111
CH7
COM
b
5–b4: The ACQ TIME bits select one of four possible acquistion times in SYNC-OUT mode. (Refer to Selectable Acquisition
Time section.)
b
5
b
4
Clocks
00
9
01
15
10
47
11
79
b
6: When the Single-Ended bit (SE bit) is set, conversion results will be limited to positive values only and any negative conver-
sion results will appear as a code of zero in the Data register. The SE bit is cleared at power-up.
b
7: The High Byte bit (HB) is meaningful only in 8-bit mode (BW bit b12 = “0”) and is a don’t care condition in 13-bit mode (BW
bit b
12 = “1”). This bit is used to access the upper byte of the Configuration Register in 8-bit mode. When this bit is set and bit
b
12 = 0, the next byte written to the ADC12048 will program the upper byte of the Configuration register. The HB bit will automati-
cally be cleared when data is written to the upper byte of the Configuration register, allowing the lower byte to be accessed with
the next write. The HB bit is cleared at power-up.
b
8: The SYNC bit. When the SYNC bit is set, the SYNC pin is programmed as an input and the converter is in synchronous mode.
In this mode a rising edge on the SYNC pin causes the ADC to hold the input signal and begin a conversion. When b
15 cleared,
the SYNC pin is programmed as an output and the converter is in an asynchronous mode. In this mode the signal at the SYNC
pin indicates the status of the converter. The SYNC pin is high when a conversion is taking place. The SYNC bit is set at
power-up.
b
11–b9: The command field. These bits select the mode of operation of the ADC12048. Power-up value is 000. (See (Note 22))
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com