Electronic Components Datasheet Search
  English  ▼

X  

ADC12081 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12081
Description  12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12081 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC12081 Datasheet HTML 1Page - National Semiconductor (TI) ADC12081 Datasheet HTML 2Page - National Semiconductor (TI) ADC12081 Datasheet HTML 3Page - National Semiconductor (TI) ADC12081 Datasheet HTML 4Page - National Semiconductor (TI) ADC12081 Datasheet HTML 5Page - National Semiconductor (TI) ADC12081 Datasheet HTML 6Page - National Semiconductor (TI) ADC12081 Datasheet HTML 7Page - National Semiconductor (TI) ADC12081 Datasheet HTML 8Page - National Semiconductor (TI) ADC12081 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.5V
Voltage on Any Output
−0.3V to V
+ +0.3V
Input Current at Any Pin (Note 3)
±25mA
Package Input Current (Note 3)
±50mA
Package Dissipation
See (Note 4)
ESD Susceptibility
Human Body Model
1500V
Machine Model
150V
Soldering Temp., Infrared, 10
sec.(Note 6)
300˚C
Storage Temp.
−65˚C to +150˚C
Maximum Junction Temp.
150˚C
Operating Ratings
Operating Temp. Range
−40˚C
≤ T
A ≤ +85˚C
Supply Voltage
+4.75V to +5.25V
V
D I/O
+2.7V to V
D
V
REF Input
1.8V to 2.2V
CLOCK, CAL, PD, OE
−0.05V to V
D + 0.05V
|AGND −DGND|
≤100mV
Converter Electrical Characteristics
The following specifications apply for AGND = DGND = DGND I/O = 0V, V
A =VD =VD I/O = +5V, PD = +5V, VREF = +2.0V,
f
CLK = 5MHz, CL = 50 pF/pin. After Auto-Cal at Temperature. Boldface limits apply for TA =TJ to TMIN to TMAX: all other
limits T
A =TJ = 25˚C (Notes 7, 8) and (Note 9)
Symbol
Parameter
Conditions
Typical
(Note
10)
Limits
(Note
11)
Units
(Limits)
Static Converter Characteristics
Resolution with No Missing Codes
12
Bits(min)
INL
Integral Non Linearity
±0.6
±1.7
LSB( max)
DNL
Differential Non Linearity
±0.35
±0.75
LSB( max)
Full-Scale Error
±0.05
±0.1
%FS(max)
Zero Error
±0.15
±0.24
%FS(max)
Dynamic Converter Characteristics
BW
Full Power Bandwidth
100
MHz
SNR
Signal-to-Noise Ratio
f
in = 2.5 MHz, VIN = 2.0VP-P
68
65
dB
SINAD
Signal-to-Noise & Distortion
f
in = 2.5 MHz, VIN = 2.0VP-P
67.6
64.5
dB
ENOB
Effective Number of Bits
f
in = 2.5 MHz, VIN = 2.0VP-P
10.9
10.4
Bits
THD
Total Hamonic Distortion
f
in = 2.5 MHz, VIN = 2.0VP-P
79
dB
SFDR
Spurious Free Dynamic Range
f
in = 2.5 MHz, VIN = 2.0VP-P
79
dB
Reference and Analog Input Characteristics
V
IN
Input Voltage Range
V
REF = 2.0V
0
V
REF
V(min)
V(max)
C
IN
V
IN Input Capacitance
V
IN = 1.0Vdc +
0.7Vrms
(CLK
LOW)
10
pF
(CLK
HIGH)
15
pF
V
REF
Reference Voltage (Note 14)
2.00
1.8
V(min)
2.2
V(max)
Reference Input Leakage Current
10
µA
Reference Input Resistance
1
M
Ω(min)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com