Electronic Components Datasheet Search
  English  ▼

X  

ADC1225CCD Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1225CCD
Description  12-Bit Plus Sign mP Compatible A/D Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1225CCD Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC1225CCD Datasheet HTML 8Page - National Semiconductor (TI) ADC1225CCD Datasheet HTML 9Page - National Semiconductor (TI) ADC1225CCD Datasheet HTML 10Page - National Semiconductor (TI) ADC1225CCD Datasheet HTML 11Page - National Semiconductor (TI) ADC1225CCD Datasheet HTML 12Page - National Semiconductor (TI) ADC1225CCD Datasheet HTML 13Page - National Semiconductor (TI) ADC1225CCD Datasheet HTML 14Page - National Semiconductor (TI) ADC1225CCD Datasheet HTML 15Page - National Semiconductor (TI) ADC1225CCD Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Functional Description (Continued)
TLH5676 – 28
TLH5676 – 29
FIGURE 13
When using this method of conversion only one strobe is
necessary and the rising edge of WR RD can be used to
read the current conversion results These methods reduce
the throughput time of the conversion since the RD and WR
cycles are combined
2 With the standard timing WR pulse width longer than the
conversion time a conversion is completed but the INTR will
never go low to signal the end of a conversion The output
latches will be updated and valid information will be avail-
able when the RD cycle is accomplished
3 Tying CS and RD low continuously and strobing WR to
initiate a conversion will also yield valid data The INTR will
never go low to signal the end of a conversion and the
digital outputs will always be enabled so using INTR to
strobe the WR line for a continuous conversion cannot be
done with this part
A simple stand-alone circuit can be accomplished by driving
WR with the inverse of the READY OUT signal using a sim-
ple inverter as shown below
TLH5676 – 30
FIGURE 14
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com