Electronic Components Datasheet Search
  English  ▼

X  

ADC12130 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12130
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12130 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC12130 Datasheet HTML 1Page - National Semiconductor (TI) ADC12130 Datasheet HTML 2Page - National Semiconductor (TI) ADC12130 Datasheet HTML 3Page - National Semiconductor (TI) ADC12130 Datasheet HTML 4Page - National Semiconductor (TI) ADC12130 Datasheet HTML 5Page - National Semiconductor (TI) ADC12130 Datasheet HTML 6Page - National Semiconductor (TI) ADC12130 Datasheet HTML 7Page - National Semiconductor (TI) ADC12130 Datasheet HTML 8Page - National Semiconductor (TI) ADC12130 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Positive Supply Voltage
(V
+ =V
A+=VD+)
6.5V
Voltage at Inputs and Outputs
except CH0–CH7 and COM
−0.3V to V
+ +0.3V
Voltage at Analog Inputs
CH0–CH7 and COM
GND −5V to V
+ +5V
|V
A+−VD+|
300 mV
Input Current at Any Pin (Note 3)
±30 mA
Package Input Current (Note 3)
±120 mA
Package Dissipation at
T
A = 25˚C (Note 4)
500 mW
ESD Susceptability (Note 5)
Human Body Model
1500V
Soldering Information
N Packages (10 seconds)
260˚C
SO Package (Note 6):
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
T
MIN ≤ TA ≤ TMAX
ADC12130CIN, ADC12130CIWM,
ADC12132CIMSA,
ADC12138CIMSA,
ADC12138CIN, ADC12138CIWM
−40˚C
≤ T
A ≤ +85˚C
Supply Voltage (V
+ =V
A+=VD+)
+3.0V to +5.5V
|V
A+−VD+|
≤ 100 mV
V
REF+
0VtoV
A+
V
REF−
0VtoV
REF+
V
REF (VREF+−VREF−)
1V to V
A+
V
REF Common Mode Voltage Range
0.1 V
A+ to 0.6 VA+
A/DIN1, A/DIN2, MUXOUT1
and MUXOUT2 Voltage Range
0V to V
A+
A/D IN Common Mode Voltage
Range
0V to V
A+
Converter Electrical Characteristics
The following specifications apply for (V
+ =V
A+=VD+ = +5V, VREF+ = +4.096V, and fully differential input with fixed 2.048V
common-mode voltage) or (V
+ =V
A+=VD+ = 3.3V, VREF+ = 2.5V and fully-differential input with fixed 1.250V
common-mode voltage), V
REF− = 0V, 12-bit + sign conversion mode, source impedance for analog inputs, VREF
− and V
REF
+
≤
25
Ω,f
CK =fSK = 5 MHz, and 10 (tCK) acquisition time unless otherwise specified. Boldface limits apply for TA =TJ =TMIN
to T
MAX; all other limits TA =TJ = 25˚C. (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
Units
(Limits)
(Note 11)
STATIC CONVERTER CHARACTERISTICS
Resolution
12 + sign
Bits (min)
+ILE
Positive Integral Linearity Error
After Auto-Cal (Notes 12, 18)
±1/2
±2
LSB (max)
−ILE
Negative Integral Linearity Error
After Auto-Cal (Notes 12, 18)
±1/2
±2
LSB (max)
DNL
Differential Non-Linearity
After Auto-Cal
±1.5
LSB (max)
Positive Full-Scale Error
After Auto-Cal (Notes 12, 18)
±1/2
±3.0
LSB (max)
Negative Full-Scale Error
After Auto-Cal (Notes 12, 18)
±1/2
±3.0
LSB (max)
Offset Error
After Auto-Cal (Notes 5, 18)
±1/2
±2
LSB (max)
V
IN(+)=VIN(−) = 2.048V
DC Common Mode Error
After Auto-Cal (Note 15)
±2
LSB (max)
TUE
Total Unadjusted Error
After Auto-Cal
±1
LSB
(Notes 12, 13, 14)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com