Electronic Components Datasheet Search
  English  ▼

X  

ADC12181EVAL Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12181EVAL
Description  12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12181EVAL Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC12181EVAL Datasheet HTML 1Page - National Semiconductor (TI) ADC12181EVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC12181EVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC12181EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC12181EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC12181EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC12181EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC12181EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC12181EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin Descriptions and Equivalent Circuits #2
No.
Symbol
Equivalent Circuit
Description
2V
IN
Analog signal input. With a 2.0V reference voltage,
input signal voltages in the range of 0 to 2.0 Volts
will be converted. See section 1.2.
1V
REF
Reference voltage input. This pin should be driven
from an accurate, stable reference source in the
range of 1.8 to 2.2V and bypassed to a low-noise
analog ground with a monolithic ceramic capacitor,
nominally 0.01µF. See section 1.1.
32
V
RP
Positive reference bypass pin. Bypass with a 0.1µF
capacitor. Do not connect anything else to this pin.
See section 3.1
31
V
RM
Reference midpoint bypass pin. Bypass with a
0.1µF capacitor. Do not connect anything else to
this pin. See section 3.1
30
V
RN
Negative reverence bypass pin. Bypass with a
0.1µF capacitor. Do not connect anything else to
this pin. See section 3.1
10
CLOCK
Sample Clock input, TTL compatible. Maximum
amplitude should not exceed 3V.
8
CAL
Calibration request, active High. Calibration cycle
starts when CAL returns to logic low. CAL is ignored
during power-down mode. See section 2.2.
7PD
Power-down, active High, ignored during calibration
cycle. See paragraph 2.4
11
OE
Output enable control, active low. When this pin is
high the data outputs are in Tri-state
(high-impedance) mode.
28
OR
Over range indicator. This pin is at a logic High for
V
IN < 0 or for VIN > VREF.
29
READY
Device ready indicator, active High. This pin is at a
logic Low during a calibration cycle and while the
device is in the power down mode.
14-19,
22-27
D0 - D11
Digital output word, CMOS compatible. D0 (pin 14)
is LSB, D11 (pin 27) is MSB. Load with no more
than 50pF.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com