Electronic Components Datasheet Search
  English  ▼

X  

PI4GTL2034 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI4GTL2034
Description  4-bit GTL to GTL transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4GTL2034 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI4GTL2034 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4GTL2034 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4GTL2034 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4GTL2034 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4GTL2034 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4GTL2034 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4GTL2034 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4GTL2034 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4GTL2034 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-11-0002
PT0569-1
12/11/15
2
PI4GTL2034
Preliminary Datasheet
4-bit GTL to GTL transceiver
Maximum Ratings
Power supply......................................................................................................-0.5V to +4.6V
Voltage on an I/O pin...........................................................................GND-0.5V to +7.0V
Supply current...............................................................................................................±160mA
Ground supply current...................................................................................................400mA
Total power dissipation................................................................................................200mW
Operation temperature...............................................................................................-40~85℃
Storage temperature ................................................................................................-65~150℃
MaximumJunction temperature ,T j(max) ................................................................125℃
Total power dissipation...............................................................................................200mW
PI4GTL2034Block Diagram
BIx
BOx
Input
Output
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied.
Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
Figure 1: Block diagram
Function Table:



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com