Electronic Components Datasheet Search
  English  ▼

X  

ADC1225 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1225
Description  12-Bit Plus Sign mP Compatible A/D Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1225 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC1225 Datasheet HTML 1Page - National Semiconductor (TI) ADC1225 Datasheet HTML 2Page - National Semiconductor (TI) ADC1225 Datasheet HTML 3Page - National Semiconductor (TI) ADC1225 Datasheet HTML 4Page - National Semiconductor (TI) ADC1225 Datasheet HTML 5Page - National Semiconductor (TI) ADC1225 Datasheet HTML 6Page - National Semiconductor (TI) ADC1225 Datasheet HTML 7Page - National Semiconductor (TI) ADC1225 Datasheet HTML 8Page - National Semiconductor (TI) ADC1225 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AC Electrical Characteristics (Continued)
Note 4
Two on-chip diodes are tied to each analog input as shown below
TLH5676 – 4
Errors in the AD conversion can occur if these diodes are forward biased more than 50 mV This means that if AVCC and DVCC are minimum (475 VDC) and Vb is
minimum (b475VDC) full-scale must be s 48VDC
Note 5
A diode exists between analog VCC and digital VC
TLH5676 – 20
To guarantee accuracy it is required that the AVCC and DVCC be connected together to a power supply with separate bypass filters at each VCC pin
Note 6
A diode exists between analog ground and digital ground
TLH5676 – 21
To guarantee accuracy it is required that the analog ground and digital ground be connected together externally
Note 7
Accuracy is guaranteed at fCLKe10 MHz At higher clock frequencies accuracy may degrade
Note 8
Typicals are at 25 C and represent most likely parametric norm
Note 9
Tested and guaranteed to National’s AOQL (Average Outgoing Quality Level)
Note 10
Guaranteed but not 100% production tested These limits are not used to calculate outgoing quality levels
Note 11
Linearity error is defined as the deviation of the analog value expressed in LSBs from the straight line which passes through positive full scale and zero
after adjusting zero error (See
Figures 1b and 1c )
Note 12
Human body model 100 pF discharged through a 15 kX resistor
TLH5676 – 8
FIGURE 1a Transfer Characteristic
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com