Electronic Components Datasheet Search
  English  ▼

X  

DFE252012F Datasheet(PDF) 1 Page - TOKO, Inc

Part # DFE252012F
Description  Magnetically shielded, low audible core noise
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DFE252012F Datasheet(HTML) 1 Page - TOKO, Inc

  DFE252012F Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DFE252012F
Inductance Range: 0.33~10
H
(Unit: mm)
(Unit: mm)
FEATURES
特長
 Miniature size: 2520 footprint (2.5mm×2.0mm) and low
profile(1.2mm Max. height)
 The use of magnetic iron powder ensure capability for
large current.
 The use of Flat wire for Low DC resistance.
 Magnetically shielded, low audible core noise.
 Reflow solderable.
 Operating temperature : -40~+125°C
 小型薄型構造 (2.5x2.0mm角、高さ1.2mm Max.)
 磁性材に鉄系磁性粉を用いた大電流対応
 平角線採用による低直流抵抗
 閉磁路構造、低コア鳴きノイズ
 リフロはんだ対応
 動作温度範囲:-40~+125°C
STANDARD PART NUMBERS
標準品一覧
TYPE DFE252012F (Quantity/reel; 3,000 PCS)
品番
インダクタンス
(1)
許容差
測定周波数
直流抵抗
(2)
直流重畳許容電流
(3) 温度上昇許容電流(4)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
Test
Frequency
(MHz)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(4)
T=40C
(A) Max. (Typ.)
DFE252012F-R33M=P2
0.33
20
1
19 (14)
7.6 (8.5)
5.1 (6.0)
DFE252012F-R47M=P2
0.47
20
1
23 (17)
6.7 (7.4)
4.9 (5.8)
DFE252012F-R68M=P2
0.68
20
1
31 (25)
5.4 (6.0)
3.9 (4.6)
DFE252012F-R82M=P2
0.82
20
1
35 (29)
4.9 (5.4)
3.6 (4.2)
DFE252012F-1R0M=P2
1.0
20
1
40 (33)
4.7 (5.3)
3.3 (3.9)
DFE252012F-1R5M=P2
1.5
20
1
58 (48)
3.8 (4.3)
2.7 (3.2)
DFE252012F-2R2M=P2
2.2
20
1
82 (68)
3.3 (3.6)
2.3 (2.7)
DFE252012F-3R3M=P2
3.3
20
1
135 (110)
2.5 (2.8)
1.8 (2.1)
DFE252012F-4R7M=P2
4.7
20
1
190 (160)
2.1 (2.4)
1.5 (1.8)
DFE252012F-6R8M=P2
6.8
20
1
330 (270)
1.7 (1.9)
1.2 (1.4)
DFE252012F-8R2M=P2
8.2
20
1
410 (340)
1.5 (1.7)
1.1 (1.3)
DFE252012F-100M=P2
10
20
1
480 (400)
1.4 (1.6)
0.95 (1.1)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent. Test frequency at 1MHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 20°C)
(3) Inductance Decrease Current based upon 30% inductance
reduction from the initial value
(4) Temperature Rise Current based upon 40°C temperature rise.
(Reference ambient temperature 20°C)
(1) インダクタンスはLCRメータ4284A (Agilent Technologies) また
は同等品により測定する。測定周波数は1MHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度20°C)
(3) 直流重畳許容電流:直流重畳電流を流した時インダクタンスの値
が初期値より30%減少する直流電流値
(4) 温度上昇許容電流:コイルの温度が40°C上昇する値
(周囲温度20°Cを基準とする。)
Recommended patterns
推奨パターン図
Metal Alloy Inductors
メタルアロイ
®インダクタ
L
L


Similar Part No. - DFE252012F

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE252012F MURATA-DFE252012F Datasheet
187Kb / 1P
The use of Flat wire for Low DC resistance
logo
TOKO, Inc
DFE252012F-100M TOKO-DFE252012F-100M Datasheet
228Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
DFE252012F-100M MURATA-DFE252012F-100M Datasheet
982Kb / 2P
Inductor
logo
TOKO, Inc
DFE252012F-1R0M TOKO-DFE252012F-1R0M Datasheet
228Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
DFE252012F-1R0M MURATA-DFE252012F-1R0M Datasheet
981Kb / 2P
Inductor
More results

Similar Description - DFE252012F

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDPQ2010 SUMIDA-CDPQ2010 Datasheet
291Kb / 4P
Ferrite core construction, Magnetically shielded
logo
TOKO, Inc
DFEG7030D TOKO-DFEG7030D Datasheet
247Kb / 1P
Low audible core noise
DFEG10040D TOKO-DFEG10040D Datasheet
258Kb / 1P
Low audible core noise
DFEG12060D TOKO-DFEG12060D Datasheet
229Kb / 1P
Low audible core noise
DFEH7030D TOKO-DFEH7030D Datasheet
247Kb / 1P
Low audible core noise
DFEH10040D TOKO-DFEH10040D Datasheet
264Kb / 1P
Low audible core noise
FDSD0415 TOKO-FDSD0415 Datasheet
238Kb / 1P
Low audible core noise
FDUE0650 TOKO-FDUE0650 Datasheet
250Kb / 1P
Low audible core noise
FDUE1040D TOKO-FDUE1040D Datasheet
206Kb / 1P
Low audible core noise
FDUE1260 TOKO-FDUE1260 Datasheet
217Kb / 1P
Low audible core noise
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com