Electronic Components Datasheet Search
  English  ▼

X  

PT8A3236 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PT8A3236
Description  Heating Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A3236 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PT8A3236 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A3236 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A3236 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A3236 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A3236 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A3236 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A3236 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0006
PT0211-6
07/06/2012
2
PT8A3230/1/2/3/4/5/6/7
Heating Controller
Maximum Ratings
Storage Temperature…………………………………………..- 65oC to +150oC
Ambient Temperature with Power Applied……………………-20
oC to +85 oC
Supply Voltage to Ground Potential (Inputs & VCC only)……….- 0.5 to +6.0V
Supply Voltage to Ground Potential (Outputs & D/O only) …… - 0.5 to +6.0V
DC Input Voltage …………………………………………- 0.5V to VCC +0.5V
DC Output Current ……………………………………………………… 20mA
Power Dissipation……………………………………………………… 500mW
Recommended Operation Conditions
Sym
Pin
Description
Min
Typ
Max
Unit
VCC
VDD
Supply voltage.
3.5
5.0
5.5
V
fCLK
CLK
Input clock frequency
-
50/60
-
Hz
TA
-
Operation temperature
-20
-
85
C
DC Electrical Characteristics
(Unless otherwise noted, VCC = 3.5 ~ 5V, TA = -20 ~ 85ºC)
Sym
Description
Test conditions
Min
Typ
Max
Unit
IIH
Input high current
PIN: NTC1, CLK
VIN = VCC
-
-
5
A
PIN: NTC2
VIN = VCC Output
high impedance
-
-
100
nA
IIL
Input low current
PIN: NTC1, CLK
VIN = GND
-
-
-5
A
PIN: NTC2
VIN = 0 Output
high impedance
-
-
-100
nA
IOH
Output high current
PIN: GATE
VCC = 5.0V
Vout = 4.5V
-1.5
-
-
mA
IOL
Output low current
PIN: NTC2
VCC = 5.0V
Vout =0.5V
2.0
-
-
mA
PIN: GATE
2.5
-
-
mA
VNTC0
Input voltage 0
PIN: NTC1
0.29VCC
0.31VCC
0.33VCC
V
VNTC1
Input voltage 1
PIN: NTC1
0.37VCC
0.385VCC
0.40VCC
VNTC2
Input voltage 2
PIN: NTC1
0.39VCC
0.40VCC
0.41VCC
ICC
Current consumption
NTC1, CLK tied to GND, V CC = 5.0V
-
-
250
A
AC Electrical Characteristics
(Unless otherwise noted, VCC = 3.5 ~ 5V, TA = -20 ~ 85ºC)
Sym
Description
Test conditions
Min
Typ
Max
Unit
fCLK
CLK frequency
-
-
50/60
-
Hz
Timer
Power off timer
FCLK= 50Hz
1.15
1.2
1.25
Hour
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com