Electronic Components Datasheet Search
  English  ▼

X  

R2N Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # R2N
Description  Relays of general application
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

R2N Datasheet(HTML) 3 Page - ZETTLER Electronics

  R2N Datasheet HTML 1Page - ZETTLER Electronics R2N Datasheet HTML 2Page - ZETTLER Electronics R2N Datasheet HTML 3Page - ZETTLER Electronics R2N Datasheet HTML 4Page - ZETTLER Electronics R2N Datasheet HTML 5Page - ZETTLER Electronics R2N Datasheet HTML 6Page - ZETTLER Electronics R2N Datasheet HTML 7Page - ZETTLER Electronics R2N Datasheet HTML 8Page - ZETTLER Electronics R2N Datasheet HTML 9Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
3
R2N
miniature industrial relays
Improvement of the functionality of the mechanical
indicator (W): it is mounted on an insulation base of
the unit of the movable contacts; the changes provide
the appropriate position in the window in the upper side
of the housing irrespectively of the number of operations
performed by the relay.
Improvement of the efficiency of the electromagnet:
an innovational technology of connecting elements has
been introduced, which guarantees more reliable opera-
tion of the relay.
Strengthening of the insulation in the area of the
contact plate: polyamide PA66 has been applied; it has
very good mechanical and electrical parameters and best
thermal properties.
Application of electronics made in the SMD techno-
logy: additional features L (LED diode) and D (diode)
are located on the printed circuit board; the change
of the position of the LED diode and optimization
of the quality and intensity of its light provide certainty
that the relay is in operation status when the LED is on.
Design
Dimensions - plug-in version (WT),
with lockable front test button type T
Dimensions - plug-in version, with test button
(no latching) or with plug (no manual operation)
Test buttons R4P-0001 and plugs R4W-0003 need
to ordered saparately. They substitute buttons type T.
To exchange by Customer themselves. Information
on test buttons (no latching) and plugs - page 12.
Connection diagram (pin side view)
2 CO
Note: the indicated polarity of the supply refers to the relays
with extra equipment
D - surge suppression element (diode)
- for DC coils only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com