Electronic Components Datasheet Search
  English  ▼

X  

R4N Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # R4N
Description  Relays of general application
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

R4N Datasheet(HTML) 2 Page - ZETTLER Electronics

  R4N Datasheet HTML 1Page - ZETTLER Electronics R4N Datasheet HTML 2Page - ZETTLER Electronics R4N Datasheet HTML 3Page - ZETTLER Electronics R4N Datasheet HTML 4Page - ZETTLER Electronics R4N Datasheet HTML 5Page - ZETTLER Electronics R4N Datasheet HTML 6Page - ZETTLER Electronics R4N Datasheet HTML 7Page - ZETTLER Electronics R4N Datasheet HTML 8Page - ZETTLER Electronics R4N Datasheet HTML 9Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
2
R4N
miniature industrial relays
4,8
9,6
19,2
33,6
38,4
48,0
64,0
88,0
92,0
96,0
101,6
176,0
184,0
192,0
6,6
13,2
26,4
46,2
52,8
66,0
88,0
121,0
127,0
132,0
139,0
242,0
253,0
264,0
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
4,0
4,8
9,6
19,2
38,4
48,0
64,0
88,0
100,0
176,0
5,5
6,6
13,2
26,4
52,8
66,0
88,0
121,0
137,5
242,0
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
5006
5012
5024
5042
5048
5060
5080
5110
5115
5120
5127
5220
5230
5240
6
12
24
42
48
60
80
110
115
120
127
220
230
240
9,8
39,5
158
470
640
930
1 720
3 450
3 610
3 770
4 000
15 400
16 100
16 800
1005
1006
1012
1024
1048
1060
1080
1110
1125
1220
5
6
12
24
48
60
80
110
125
220
28
40
160
640
2 600
4 000
7 100
13 600
16 000
54 000
The data in bold type pertain to the standard versions of the relays.
The data in bold type pertain to the standard versions of the relays.
Coil data - DC voltage version
Table 1
Coil operating range
V DC
min. (at 20 °C)
max. (at 55 °C)
Acceptable
resistance
Rated voltage
V DC
Coil resistance
at 20 °C
Coil code
Coil data - AC 50/60 Hz voltage version
Table 2
Coil operating range
V AC
min. (at 20 °C)
max. (at 55 °C)
Acceptable
resistance
Rated voltage
V AC
Coil resistance
at 20 °C
Coil code
NEW TECHNOLOGY
The new R2N, R3N, R4N relays are modernized versions
of the R2, R3, R4 relays. The modernization covered
the design of the relays and the manufacturing process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com