Electronic Components Datasheet Search
  English  ▼

X  

MX860TC Datasheet(PDF) 1 Page - IXYS Corporation

Part # MX860TC
Description  /-15V ePaper Source Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX860TC Datasheet(HTML) 1 Page - IXYS Corporation

  MX860TC Datasheet HTML 1Page - IXYS Corporation MX860TC Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTEGRATED CIRCUITS DIVISION
PB-MX860-January 21, 2014
www.ixysic.com
1
Features
• CMOS Technology
• +/-15 Volt Output Driver Supply Voltage
• Drives Segment or Active Matrix Displays
• 4-Level Gray Scale
• 25MHz Clock Frequency
• Bidirectional Data Transfer
• Selectable Register Length
• 2.7V to 5.5V Logic Supply Voltage
• Cascadable
Applications
• eBooks / eReaders
• Electronic Shelf Labels / Point Of Purchase Displays
• Mobile Phones / Portable Hand Held Devices
• Smart Cards
• Signage
Ordering Information
Description
The MX860 is a selectable 240, 256, or 268 bit long;
2-bit wide; serial-input parallel-output digital shift
register with level conversion on each parallel output.
Level conversion converts the 2 digital bits into VPOS ,
VSS , or VNEG analog output voltages. An 8-bit input
bus simultaneously inputs 4 groups of 2 bits each.
The MX860 consists of a selectable length
Bidirectional Input Register, Transfer Latch, and
268-bit Level Shifter / Output Driver. Each OUT pin is
switched to one of [VSS , VPOS , VNEG] according to
the D0...D7 logic levels clocked into the MX860,
modified by the OE pin.
The MX860 is designed to operate over a temperature
range of -40°C to +85°C, and is available as Gold
Bumped Die in Wafer Form or Waffle Pack, and 48mm
Super-Wide Tape Carrier Package.
Figure 1. Functional Block Diagram
Part
Description
MX860WB
Gold Bumped Die / Wafer Form
MX860XB
Gold Bumped Die / Waffle Pack
MX860TC
48mm Super Wide Tape Carrier
OUT1
OUT2
. . .
OUT267 OUT268
VPOS
VSS
LEVEL SHIFTER / DRIVER
VNEG
OE
DECODE
LE
LATCH
4-way Interleaved
2-bit Register
4x(1 - 60)
61 - 64
65 - 67
Stages
Data path when
when
SHR = 1
SHR = 0
mode 240
256
268
Clock
D(7..0)
CONTROL LOGIC
Direction
SHR
MODE1
MODE0
CE
CL
MX860
+/-15V ePaper Source Driver


Similar Part No. - MX860TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX86250 ETC1-MX86250 Datasheet
134Kb / 25P
THE ADVANCED 64-BIT WINDOWS-95 AND DIRECTDRAW ACCELERATOR
logo
Macronix International
MX86251 MCNIX-MX86251 Datasheet
497Kb / 32P
3D graphic chipset
logo
Shenzhen Lizhi Electron...
MX8650 LIZE-MX8650 Datasheet
755Kb / 24P
Wireless Optical MouseSensor
VERSION1.0 2015-1-22
MX8650A LIZE-MX8650A Datasheet
755Kb / 24P
Wireless Optical MouseSensor
VERSION1.0 2015-1-22
logo
IXYS Corporation
MX868 IXYS-MX868 Datasheet
292Kb / 9P
12 Bit Digital Output Magnetic Flux Sensor
More results

Similar Description - MX860TC

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
UNIVERSAL SOURCE DRIVER
logo
STMicroelectronics
TD300 STMICROELECTRONICS-TD300 Datasheet
135Kb / 8P
15V TRIPLE IGBT/MOS DRIVER
Jun-1998
logo
IXYS Corporation
IXEP2300 IXYS-IXEP2300 Datasheet
249Kb / 2P
300-Output ePaper Gate Driver
MXEI1480 IXYS-MXEI1480 Datasheet
208Kb / 2P
/-15V E Ink Source Driver
MXEI2300 IXYS-MXEI2300 Datasheet
219Kb / 2P
300-Output ePaper Gate Driver
logo
Crystalfontz America, I...
CFA-10084 CRYSTAIFONTZ-CFA-10084 Datasheet
931Kb / 7P
ePaper Adapter Board
CFAP104212D0-0213 CRYSTAIFONTZ-CFAP104212D0-0213 Datasheet
1Mb / 40P
ePAPER DISPLAY MODULE
CFAP128296C0-0290 CRYSTAIFONTZ-CFAP128296C0-0290 Datasheet
1Mb / 38P
ePAPER DISPLAY MODULE
CFAP152152A0-0154 CRYSTAIFONTZ-CFAP152152A0-0154 Datasheet
1Mb / 41P
ePAPER DISPLAY MODULE
CFAP176264A0-0270 CRYSTAIFONTZ-CFAP176264A0-0270 Datasheet
1Mb / 40P
ePAPER DISPLAY MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com