Electronic Components Datasheet Search
  English  ▼

X  

SLSF320 Datasheet(PDF) 1 Page - Anshan Suly Electronics

Part # SLSF320
Description  High voltage rectifier diodes SLSF320 series adopt high reliable mesa structure and diffusion craftwork, glassivation, epoxy resin molded in a compact structure.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANSHAN [Anshan Suly Electronics]
Direct Link  http://www.hvdiode.com/
Logo ANSHAN - Anshan Suly Electronics

SLSF320 Datasheet(HTML) 1 Page - Anshan Suly Electronics

  SLSF320 Datasheet HTML 1Page - Anshan Suly Electronics SLSF320 Datasheet HTML 2Page - Anshan Suly Electronics SLSF320 Datasheet HTML 3Page - Anshan Suly Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Anshan
Anshan
Anshan
Anshan
Suly
Suly
Suly
Suly
Electronics
Electronics
Electronics
Electronics
Co.,
Co.,
Co.,
Co.,
Ltd.
Ltd.
Ltd.
Ltd.
ANSHAN SULY ELECTRONICS CO., LTD.
Website: www.hvdiode.com
Tel: +86-412-8220288
Fax: +86-412-8223397
SLSF320
SLSF320
SLSF320
SLSF320
Product
Product
Product
Product
Data
Data
Data
Data
High voltage rectifier diodes SLSF320 series adopt high reliable mesa structure and diffusion craftwork, glassivation,
epoxy resin molded in a compact structure.
■ Electrical
Electrical
Electrical
Electrical
C
C
C
C
haracteristics
haracteristics
haracteristics
haracteristics
Item
Symbol
Conditions
SL
SL
SL
SL
Unit
SF320
SF320
SF320
SF320
Repetitive Peak Reverse Voltage
VRRM
Ta=25℃
IR=0.5μA
2.0
kV
Average Forward Current
IO
Maximum average forward rectified current
9.5mm lead length, @T A =75℃
2.0
A
Surge Forward Current
IFSM
Peak forward surge current 8.3ms single
half-sine-wave superimposed on rated load
@T J =125℃
80
A
Operating Junction Temperature
Tj
Halfsine wave peak voltage
175
℃
Operating Ambient Temperature
Tc
150
℃
Storage Temperature
Tstg
-50—150
℃
Rated Value
Symbol
Conditions
SL
SL
SL
SL
Unit
SF320
SF320
SF320
SF320
Forward Peak Voltage Max
(Reference Value)
V
Maximum instantaneous forward voltage
IF=2.0A
5.5
V
Reverse Recovery Time Max
Trr
RISE TIME = 7ns MAX.INPUT
IMPEDANCE = 1M .22pF.
35
nS
Peak Reverse Current
(Reference Value)
IR1
VR=VRRM , 25℃
5.0
μA
IR2
VR=VRRM , 100℃
50.0
μA
Junction capacitance Max
Cj
Typical junction capacitance
20
pF
■ Feature
Feature
Feature
Feature
 Avalanche characteristic
 Epoxy resin molded in vacuum, have
anticorrosion in the surface
 Operating Junction Temperature Tj: -
40℃—+175℃
■ Maximum
Maximum
Maximum
Maximum
Ratings
Ratings
Ratings
Ratings
■ Application
Application
Application
Application
High voltage rectifier used in electrostatic
cleaning
High voltage generator
High voltage testing equipment
Special purpose high voltage rectifier, voltage
multiplier assembly


Similar Part No. - SLSF320

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLS 32AIA020A4 USON10 INFINEON-SLS 32AIA020A4 USON10 Datasheet
553Kb / 2P
Automation Board V2
10 / 2017
logo
List of Unclassifed Man...
SLS-05-030-1T ETC2-SLS-05-030-1T Datasheet
519Kb / 5P
Silver Line Series ??Single Multi-Output Linears
SLS-05-060-1T ETC2-SLS-05-060-1T Datasheet
519Kb / 5P
Silver Line Series ??Single Multi-Output Linears
SLS-05-090-1T ETC2-SLS-05-090-1T Datasheet
519Kb / 5P
Silver Line Series ??Single Multi-Output Linears
SLS-05-120-1T ETC2-SLS-05-120-1T Datasheet
519Kb / 5P
Silver Line Series ??Single Multi-Output Linears
More results

Similar Description - SLSF320

ManufacturerPart #DatasheetDescription
logo
Anshan Suly Electronics
2CL80KV-3.0A ANSHAN-2CL80KV-3.0A Datasheet
193Kb / 3P
High voltage rectifier diodes 2CL80KV/3.0A series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2CLG200KV-1.0A ANSHAN-2CLG200KV-1.0A Datasheet
194Kb / 3P
High voltage rectifier diodes 2CLG200KV/1.0A series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2CLG200KV-2.0A ANSHAN-2CLG200KV-2.0A Datasheet
195Kb / 3P
High voltage rectifier diodes 2CLG200KV/2.0A series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2CLG300KV-1.0A ANSHAN-2CLG300KV-1.0A Datasheet
194Kb / 3P
High voltage rectifier diodes 2CLG300KV/1.0A series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2CLG300KV-2.0A ANSHAN-2CLG300KV-2.0A Datasheet
194Kb / 3P
High voltage rectifier diodes 2CLG300KV/2.0A series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
USF301 ANSHAN-USF301 Datasheet
191Kb / 3P
High voltage rectifier diodes USF301 series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2CL120KV2A ANSHAN-2CL120KV2A Datasheet
199Kb / 3P
High voltage rectifier diodes 2CL120KV/2A series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2CML150KV2A ANSHAN-2CML150KV2A Datasheet
204Kb / 3P
High voltage rectifier diodes 2CML150KV/2A series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2CML350KV20A ANSHAN-2CML350KV20A Datasheet
204Kb / 1P
High voltage rectifier diodes 2CML350KV/20A series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
2DGL40KV5A ANSHAN-2DGL40KV5A Datasheet
205Kb / 1P
High voltage rectifier diodes 2DGL5A /40KV series adopt high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com