Electronic Components Datasheet Search
  English  ▼

X  

ADC1251 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1251
Description  Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1251 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC1251 Datasheet HTML 1Page - National Semiconductor (TI) ADC1251 Datasheet HTML 2Page - National Semiconductor (TI) ADC1251 Datasheet HTML 3Page - National Semiconductor (TI) ADC1251 Datasheet HTML 4Page - National Semiconductor (TI) ADC1251 Datasheet HTML 5Page - National Semiconductor (TI) ADC1251 Datasheet HTML 6Page - National Semiconductor (TI) ADC1251 Datasheet HTML 7Page - National Semiconductor (TI) ADC1251 Datasheet HTML 8Page - National Semiconductor (TI) ADC1251 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply for VCC e DVCC e AVCC ea50V Vb eb50V VREF ea50V AZ e ‘‘1’’ and fCLK
e
35 MHz unless otherwise specified Boldface limits apply for TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C
(Notes 6 7 and 8)
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 9)
(Notes 10 19)
(Limit)
DYNAMIC CHARACTERISTICS
S(NaD)
Unipolar Signal-to-NoiseaDistortion
fIN e 1 kHz VIN e 485 Vp-p
72
dB
Ratio (Note 17)
fIN e 20 kHz VIN e 485 Vp-p
72
dB
S(NaD)
Bipolar Signal-to-NoiseaDistortion
fIN e 1 kHz VIN e g485V
76
dB
Ratio (Note 17)
fIN e 20 kHz VIN e g485V
76
dB
b
3 dB Unipolar Full Power Bandwidth
VIN e 485V (Note 17)
32
kHz
b
3 dB Bipolar Full Power Bandwidth
VIN e g485V (Note 17)
25
kHz
tAp
Aperture Time
100
ns
Aperture Jitter
100
psrms
Digital and DC Electrical Characteristics
The following specifications apply for DVCC e AVCC ea50V Vb eb50V VREF ea50V and fCLK e 35 MHz unless
otherwise specified Boldface limits apply for TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C (Notes 6 and 7)
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 9)
(Notes 10 19)
(Limit)
VIN(1)
Logical ‘‘1’’ Input Voltage for
VCC e 525V
20
V(min)
All Inputs except CLK IN
VIN(0)
Logical ‘‘0’’ Input Voltage for
VCC e 475V
08
V(max)
All Inputs except CLK IN
IIN(1)
Logical ‘‘1’’ Input Current
VIN e 5V
0005
1
m
A(max)
IIN(0)
Logical ‘‘0’’ Input Current
VIN e 0V
b
0005
b
1
m
A(max)
VTa
CLK IN Positive-Going
28
27
V(min)
Threshold Voltage
VTb
CLK IN Negative-Going
21
23
V(max)
Threshold Voltage
VH
CLK IN Hysteresis
07
04
V(min)
VTa(min) b VTb(max)
VOUT(1)
Logical ‘‘1’’ Output Voltage
VCC e 475V
IOUT eb360 mA
24
V(min)
IOUT eb10 mA
45
V(min)
VOUT(0)
Logical ‘‘0’’ Output Voltage
VCC e 475V
04
V(max)
IOUT e 16 mA
IOUT
TRI-STATE Output Leakage
VOUT e 0V
b
001
b
3
m
A(max)
Current
VOUT e 5V
001
3
m
A(max)
ISOURCE
Output Source Current
VOUT e 0V
b
20
b
60
mA(min)
ISINK
Output Sink Current
VOUT e 5V
20
80
mA(min)
DICC
DVCC Supply Current
CS e ‘‘1’’
1
25
mA(max)
AICC
AVCC Supply Current
CS e ‘‘1’’
4
10
mA(max)
Ib
Vb Supply Current
CS e ‘‘1’’
28
10
mA(max)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com