Electronic Components Datasheet Search
  English  ▼

X  

CD4148WTP Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # CD4148WTP
Description  Switching Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

CD4148WTP Datasheet(HTML) 2 Page - Nanjing International Group Co

  CD4148WTP Datasheet HTML 1Page - Nanjing International Group Co CD4148WTP Datasheet HTML 2Page - Nanjing International Group Co CD4148WTP Datasheet HTML 3Page - Nanjing International Group Co CD4148WTP Datasheet HTML 4Page - Nanjing International Group Co CD4148WTP Datasheet HTML 5Page - Nanjing International Group Co CD4148WTP Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
CD4148WTP
MAXIMUM RATING1)
Parameter at Tamb=25
oC1)
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
75
V
Average rectified current sin half wave
rectification with resistive load
IF(AV)
100
mA
Repetitive Peak Forward Current at Tamb=25°C
IFRM
200
mA
Non-Repetitive Surge Forward Current
at t<1s and Tj=25
oC
400
mA
at t≦8.3ms and Tj=25
oC
IFSM
800
mA
1) Valid provided that electrodes are kept at ambient temperature.
ELECTRICAL CHARACTERISTICS1)
Parameter at Tamb=25
oC1)
Symbol
Value
Unit
Forward Voltage at IF=10mA
1.0 MAX
V
at IF=100mA
VF
1.25 MAX
V
Leakage Current at VR=20V
0.025 MAX
uA
Leakage Current at VR=75V
IR
5 MAX
uA
Capacitance at VR=0V, f=1MHz
Ctot
4 MAX
pF
Reverse Recovery Time at IF =IR=10mA,RL=100Ω
trr
4 MAX
ns
1) Valid provided that electrodes are kept at ambient temperature.
TYPICAL CHARACTERISTICS
Figure 1. Forward Characteristic
Figure 2. Power De-rating
0
100
200
300
400
500
0
20
40
60
80
100 120
140 160
180 200
Tamb-Ambient Temperature/oC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com