Electronic Components Datasheet Search
  English  ▼

X  

DB201G Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # DB201G
Description  SINGLE PHASE 2.0 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

DB201G Datasheet(HTML) 1 Page - Nanjing International Group Co

  DB201G Datasheet HTML 1Page - Nanjing International Group Co DB201G Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE
2.0 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=40 C
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 2.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Storage Temperature Range, TSTG
Operating Temperature Range, Tj
DB
201
DB
202
DB
203
DB
204
DB
205
DB
206
DB
207
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
2
.0
75
5
200
-65
+150
-65
+150
V
A
A
V
u
A
u
A
C
C
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
plastic technique
* High surge current capability
* Polarity: marked on body
* Mounting position: Any
* Weight: 0.9 grams
DB201G THRU DB207G
1.0
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
2
.0 Ampere
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
Rating for Fusing (t<8.3ms)
I
2t
10
s
A
2
.098
.087(2.2
(2.5
Dimensions in inches and (millimeters)
.255(6.5)
)
.195(5.0)
.350(8.9)
.205(5.2)
.3
46(8.8)
.24
4(6.2)
)
.155(3.9)
.300(7.6)
.195(5.0)
.3
23(8.2)
.060
1.5
.020
(0.5)
+
~
~
DB-1


Similar Part No. - DB201G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Foster Semicon...
DB201G FOSTER-DB201G Datasheet
1Mb / 3P
2.0 Amps Glass passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
DB201G BYTESONIC-DB201G Datasheet
569Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
2016/12/19
logo
Nanjing International G...
DB201G-DB207G DGNJDZ-DB201G-DB207G Datasheet
261Kb / 2P
Schottky Barrier Rectifier
logo
Guangdong Kexin Industr...
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
Rectifier Diodes
logo
Nanjing International G...
DB201GS DGNJDZ-DB201GS Datasheet
152Kb / 2P
SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - DB201G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
2W005G JGD-2W005G Datasheet
126Kb / 2P
SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
2W005GM TSC-2W005GM Datasheet
68Kb / 2P
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
2W005G SECOS-2W005G Datasheet
136Kb / 2P
2.0 AMP Glass Passivated Bridge Rectifiers
GBJ2A SECOS-GBJ2A Datasheet
243Kb / 2P
2.0 AMP Glass Passivated Bridge Rectifiers
GBL201 SECOS-GBL201 Datasheet
257Kb / 2P
2.0 Amp Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
ABS202 DGNJDZ-ABS202 Datasheet
366Kb / 2P
Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
ABS202-ABS210 DGNJDZ-ABS202-ABS210 Datasheet
399Kb / 2P
Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
logo
First Components Intern...
GBP200 FCI-GBP200 Datasheet
162Kb / 2P
2.0 Amp Glass passivated Single Phase Bridge
logo
Shenzhen Yixinwei Techn...
ABS202 YIXIN-ABS202 Datasheet
452Kb / 2P
Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
ABS302 YIXIN-ABS302 Datasheet
452Kb / 2P
Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com