Electronic Components Datasheet Search
  English  ▼

X  

DB301GS Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # DB301GS
Description  SINGLE PHASE 3.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

DB301GS Datasheet(HTML) 1 Page - Nanjing International Group Co

  DB301GS Datasheet HTML 1Page - Nanjing International Group Co DB301GS Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE
3.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=40 C
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 3.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Storage Temperature Range, TSTG
Operating Temperature Range, Tj
DB
301GS DB302GS DB303GS DB304GS DB305GS DB306GS DB307GS UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
3
.0
85
5
500
-65
+150
-65
+150
V
A
A
V
υA
υA
C
C
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
plastic technique
* High surge current capability
* Polarity: marked on body
* Mounting position: Any
* Weight: 1.0 grams
DB301GS THRU DB307GS
1.1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
3
.0 Ampere
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
087
098
5
2
(2.
Dimensions in inches and (millimeters)
.255(6.5)
.310(7.9)
.410(10.4)
.013(.33)
.060(1.5)
.042(1.1)
.245(6.2)
.290(7.4)
.360(9.4)
.003(.08)
.040(1.0)
.038(1.0)
+
~
~
DB-S
.
(2. )
.205(5.2)
.346(8.8)
.
)
.195(5.0)
.323(8.2)


Similar Part No. - DB301GS

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
DB301 DEC-DB301 Datasheet
329Kb / 2P
3 AMP SILICON BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
DB301 DYELEC-DB301 Datasheet
1Mb / 2P
SINGLE PHASE 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB301 DYELEC-DB301 Datasheet
2Mb / 3P
SINGLE PHASE 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
DB301 JUXING-DB301 Datasheet
1Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
DB301 ZSELEC-DB301 Datasheet
73Kb / 2P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DB301GS

ManufacturerPart #DatasheetDescription
logo
Bytes
BR305 BYTES-BR305 Datasheet
145Kb / 2P
SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
BR305 FORMOSA-BR305 Datasheet
29Kb / 2P
SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
BR305 UNIOHM-BR305 Datasheet
61Kb / 2P
SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
BR305 GWSEMI-BR305 Datasheet
62Kb / 2P
SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR305 DGNJDZ-BR305 Datasheet
189Kb / 2P
SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
KBP301 DGNJDZ-KBP301 Datasheet
331Kb / 2P
SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
BR305-BR310 DGNJDZ-BR305-BR310 Datasheet
226Kb / 2P
SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
MSB301S-C SECOS-MSB301S-C Datasheet
253Kb / 2P
3.0 Amp Surface Mount Bridge Rectifiers
logo
Bytesonic Electronics C...
KBP3005 BYTESONIC-KBP3005 Datasheet
610Kb / 2P
SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
2018/9/13
MSB301 BYTESONIC-MSB301 Datasheet
1,013Kb / 3P
SINGLE PHASE 3.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
Version 1.1 2020/5/8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com