Electronic Components Datasheet Search
  English  ▼

X  

ADC12132 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12132
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12132 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC12132 Datasheet HTML 4Page - National Semiconductor (TI) ADC12132 Datasheet HTML 5Page - National Semiconductor (TI) ADC12132 Datasheet HTML 6Page - National Semiconductor (TI) ADC12132 Datasheet HTML 7Page - National Semiconductor (TI) ADC12132 Datasheet HTML 8Page - National Semiconductor (TI) ADC12132 Datasheet HTML 9Page - National Semiconductor (TI) ADC12132 Datasheet HTML 10Page - National Semiconductor (TI) ADC12132 Datasheet HTML 11Page - National Semiconductor (TI) ADC12132 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
DC and Logic Electrical Characteristics (Continued)
The following specifications apply for (V
+ =V
A+=VD+ = +5V, VREF+ = +4.096V, and fully-differential input with fixed 2.048V
common-mode voltage) or (V
+ =V
A+=VD+ = +3.3V, VREF+ = +2.5V and fully-differential input with fixed 1.250V
common-mode voltage), V
REF− = 0V, 12-bit + sign conversion mode, source impedance for analog inputs, VREF− and VREF+
≤ 25Ω,f
CK =fSK = 5 MHz, and 10 (tCK) acquisition time unless otherwise specified. Boldface limits apply for TA =TJ =
T
MIN to TMAX; all other limits TA =TJ = 25˚C. (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note
10)
V
+ =V
A+=
V
+ =V
A+ =
Units
(Limits)
V
D+ = 3.3V
V
D+=5V
Limits
Limits
(Note 11)
(Note 11)
DO, EOC AND DOR DIGITAL OUTPUT CHARACTERISTICS
−I
SC
Output Short
Circuit Sink
Current
V
OUT =VD+16
mA
POWER SUPPLY CHARACTERISTICS
I
D+
Digital Supply
1.5
2.5
mA (max)
Current
CS = HIGH, Powered Down, CCLK on
600
µA
CS = HIGH, Powered Down, CCLK off
20
µA
I
A+
Positive Analog
3.0
4.0
mA (max)
Supply Current
CS = HIGH, Powered Down, CCLK on
10
µA
CS = HIGH, Powered Down, CCLK off
0.1
µA
I
REF
Reference Input
Current
CS = HIGH, Powered Down, CCLK on
70
µA
CS = HIGH, Powered Down, CCLK off
0.1
µA
AC Electrical Characteristics
The following specifications apply for (V
+ =V
A+=VD+ = +5V, VREF+ = +4.096V, and fully-differential input with fixed 2.048V
common-mode voltage) or (V
+ =V
A+=VD+ = +3.3V, VREF+ = +2.5V and fully-differential input with fixed 1.250V
common-mode voltage), V
REF− = 0V, 12-bit + sign conversion mode, source impedance for analog inputs, VREF− and VREF+
≤ 25Ω,f
CK =fSK = 5 MHz, and 10 (tCK) acquisition time unless otherwise specified. Boldface limits apply for TA =TJ =
T
MIN to TMAX; all other limits TA =TJ = 25˚C. (Note 17)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note
10)
(Note
11)
(Limits)
f
CK
Conversion Clock
10
5
MHz (max)
(CCLK) Frequency
1
MHz (min)
f
SK
Serial Data Clock
10
5
MHz (max)
SCLK Frequency
0
Hz (min)
Conversion Clock
40
% (min)
Duty Cycle
60
% (max)
Serial Data Clock
40
% (min)
Duty Cycle
60
% (max)
t
C
Conversion Time
12-Bit + Sign or 12-Bit
44(t
CK)
44(t
CK)
(max)
8.8
µs (max)
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com