Electronic Components Datasheet Search
  English  ▼

X  

RH100-P Datasheet(PDF) 1 Page - LEM

Part # RH100-P
Description  Coreless Coil Current Transducer RH 100~1000-P
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

RH100-P Datasheet(HTML) 1 Page - LEM

  RH100-P Datasheet HTML 1Page - LEM RH100-P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary nominal
Type
r.m.s. current
I
PN
(A)
100
RH 100-P
200
RH 200-P
500
RH 500-P
1000
RH 1000-P
V
OUT
Output voltage(r.m.s)@ ± I
PN, RL = 10 kΩ, TA = 25°C
4
V
V
C
Supply voltage (± 5 %)
±15
V
V
d
R.m.s. voltage for AC isolation test, 50/60Hz, 1 mn
> 2.5
kV
I
C
Current consumption
10
mA
R
IS
Isolation resistance@ 500 V DC
> 500
M
Ω
R
L
Load resistance
≥ 100
K
Ω
Accuracy-Dynamic performance data
ε
L
Linearity (0 .. ± I
PN)
≤ ±0.5 % of I
PN
V
OE
Electrical offset voltage, T
A = 25°C
±5
mV
V
OT
Thermal drift of V
OE
≤ ±0.3
mV/K
TC
ε
G
Thermal drift of the gain (% of reading)
±0.03
%/K
t
r
Response time @ 90% of I
P
1
µs
f
Frequency bandwidth (±3 dB)
20Hz .. 100KHz
General data
T
A
Ambient operating temperature
-10 .. +75
°C
T
S
Ambient storage temperature
-15 .. +80
°C
m
Mass
20
g
Min. internal creepage distance/clearance
ø11±0.5
mm
Coreless Coil Current Transducer
RH 100 .. 1000-P
For the electronic measurement of currents: AC, pulsed, mixed, with
a galvanic isolation between the primary circuit (high power) and the
secondary circuit (electronic circuit).
I
PN =
100 .. 1000 A
Notes :
040714/1
Features
• No magnetic core
• Rogowski Coil principle
• Highly accurate integration circuit
• Voltage output
Advantages
• Wide sensing range
• Wide frequency range
• Quick response
• No hysteresis error
• No insertion impedance
• Small size and lightweight
Applications
• Observing complicated current
waveforms
• High speed and high current
sensing such as IGBT
• Welding
• Power unit
• Electric power regulator
• Discharge tube
• Antenna
• Monitoring for irruptive current
LEM Components
www.lem.com


Similar Part No. - RH100-P

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RH100-10.000-12-3050-EXT RALTRON-RH100-10.000-12-3050-EXT Datasheet
266Kb / 3P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
March 18, 2023
RH100-10.000-18-3030-TR RALTRON-RH100-10.000-18-3030-TR Datasheet
255Kb / 3P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
January 31, 2019
RH100-10.000-8-2020-TR RALTRON-RH100-10.000-8-2020-TR Datasheet
414Kb / 3P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
January 26, 2018
RH100-10.000-8-2030-EXT-T RALTRON-RH100-10.000-8-2030-EXT-T Datasheet
393Kb / 3P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
March 19, 2024
RH100-11.0592-18-3030-EXT RALTRON-RH100-11.0592-18-3030-EXT Datasheet
256Kb / 3P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
January 31, 2019
More results

Similar Description - RH100-P

ManufacturerPart #DatasheetDescription
logo
LEM
RH100-S LEM-RH100-S Datasheet
73Kb / 2P
Coreless Coil Current Transducer RH 100~1000-S
HAR1000-S LEM-HAR1000-S Datasheet
270Kb / 2P
Current Transducer HAR 1000-S
HTA100-S LEM-HTA100-S Datasheet
81Kb / 2P
Current Transducer HTA 100~1000-S
HTY50-P LEM-HTY50-P Datasheet
118Kb / 2P
Current Transducer HTY 50~100-P
LA100-P LEM-LA100-P Datasheet
69Kb / 2P
Current Transducer LA 100-P
LAH100-P LEM-LAH100-P Datasheet
42Kb / 2P
Current Transducer LAH 100-P
LA100P LEM-LA100P Datasheet
69Kb / 2P
CURRENT TRANSDUCER LA 100-P
LA-100-P LEM-LA-100-P Datasheet
639Kb / 3P
Current Transducer LA 100-P
LT100-P LEM-LT100-P Datasheet
721Kb / 3P
Current Transducer LT 100-P
DVC1000-P LEM-DVC1000-P Datasheet
1Mb / 9P
Voltage transducer DVC 1000-P
28February2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com