Electronic Components Datasheet Search
  English  ▼

X  

MUX36S08 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MUX36S08
Description  Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX36S08 Datasheet(HTML) 21 Page - Texas Instruments

Back Button MUX36S08 Datasheet HTML 17Page - Texas Instruments MUX36S08 Datasheet HTML 18Page - Texas Instruments MUX36S08 Datasheet HTML 19Page - Texas Instruments MUX36S08 Datasheet HTML 20Page - Texas Instruments MUX36S08 Datasheet HTML 21Page - Texas Instruments MUX36S08 Datasheet HTML 22Page - Texas Instruments MUX36S08 Datasheet HTML 23Page - Texas Instruments MUX36S08 Datasheet HTML 24Page - Texas Instruments MUX36S08 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
VDD
VDD
VSS
VSS
GND
0.1µF
0.1µF
AUDIO PRECISION
VOUT
S
D
VS
RL
10
NŸ
V p-p
IN
VIN
RS
21
MUX36S08, MUX36D04
www.ti.com
SBOS705A – JANUARY 2016 – REVISED JANUARY 2015
Product Folder Links: MUX36S08 MUX36D04
Submit Documentation Feedback
Copyright © 2016–2015, Texas Instruments Incorporated
8.12 THD + Noise
The total harmonic distortion (THD) of a signal is a measurement of the harmonic distortion, and is defined as the
ratio of the sum of the powers of all harmonic components to the power of the fundamental frequency at the mux
output. The on-resistance of the MUX36xxx varies with the amplitude of the input signal and this results in THD
when the drain pin is connected to a low-impedance load. Total harmonic distortion plus noise is denoted as
THD+N. Figure 36 shows the setup used to measure THD+N of the MUX36xxx.
Figure 36. THD+N Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com