Electronic Components Datasheet Search
  English  ▼

X  

RH1000 Datasheet(PDF) 1 Page - LEM

Part # RH1000
Description  Coreless Coil Current Transducer RH 100~1000-S
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

RH1000 Datasheet(HTML) 1 Page - LEM

  RH1000 Datasheet HTML 1Page - LEM RH1000 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary nominal
Type
r.m.s. current
I
PN
(A)
100
RH 100-S
200
RH 200-S
500
RH 500-S
1000
RH 1000-S
V
OUT
Output voltage(r.m.s) @ ± I
PN, RL = 10 kΩ, TA = 25°C 4
V
V
C
Supply voltage (± 5 %)
±15
V
V
d
R.m.s. voltage for AC isolation test, 50/60Hz, 1 mn
> 2.5
kV
I
C
Current consumption
15
mA
R
IS
Isolation resistance@ 500 V DC
> 500
M
Ω
R
L
Load resistance
≥ 100
K
Ω
Accuracy-Dynamic performance data
ε
L
Linearity (0 .. ± I
PN)
≤ ±0.5 % of I
PN
V
OE
Electrical offset voltage, T
A = 25°C
±5
mV
V
OT
Thermal drift of V
OE
≤ ±0.3
mV/K
TC
ε
G
Thermal drift of the gain (% of reading)
±0.03
%/K
t
r
Response time @ 90% of I
P
1
µs
f
Frequency bandwidth (±3 dB)
20Hz .. 100KHz
General data
T
A
Ambient operating temperature
-10 .. +75
°C
T
S
Ambient storage temperature
-15 .. +80
°C
m
Mass
45
g
Min. internal creepage distance/clearance
ø20±0.5
mm
Coreless Coil Current Transducer
RH 100 .. 1000-S
For the electronic measurement of currents: AC, pulsed, mixed, with
a galvanic isolation between the primary circuit (high power) and the
secondary circuit (electronic circuit).
I
PN =
100 .. 1000 A
Notes :
031020/0
Features
• No magnetic core
• Rogowski Coil principle
• Highly accurate integration circuit
• Voltage output
Advantages
• Wide sensing range
• Wide frequency range
• Quick response
• No hysteresis error
• No insertion impedance
• Small size and lightweight
Applications
• Observing complicated current
waveforms
• High speed and high current
sensing such as IGBT
• Welding
• Power unit
• Electric power regulator
• Discharge tube
• Antenna
• Monitoring for irruptive current
LEM Components
www.lem.com


Similar Part No. - RH1000

ManufacturerPart #DatasheetDescription
logo
LEM
RH1000 LEM-RH1000 Datasheet
42Kb / 2P
Coreless Coil Current Transducer RH 100~1000-P
RH1000-P LEM-RH1000-P Datasheet
42Kb / 2P
Coreless Coil Current Transducer RH 100~1000-P
More results

Similar Description - RH1000

ManufacturerPart #DatasheetDescription
logo
LEM
LV100-1000 LEM-LV100-1000 Datasheet
66Kb / 2P
Voltage Transducer LV 100-1000
RH100-P LEM-RH100-P Datasheet
42Kb / 2P
Coreless Coil Current Transducer RH 100~1000-P
HAR1000-S LEM-HAR1000-S Datasheet
270Kb / 2P
Current Transducer HAR 1000-S
HTA100-S LEM-HTA100-S Datasheet
81Kb / 2P
Current Transducer HTA 100~1000-S
LA100-S LEM-LA100-S Datasheet
27Kb / 2P
Current Transducer LA 100-S/SP1
LA305-S LEM-LA305-S Datasheet
65Kb / 2P
Current Transducer LA 305-S
LB100-S LEM-LB100-S Datasheet
53Kb / 2P
Current Transducer LB 100-S/SP3
LB1000-SI LEM-LB1000-SI Datasheet
32Kb / 2P
Current Transducer LB 1000-SI/SP2
LF1005-S LEM-LF1005-S Datasheet
43Kb / 2P
Current Transducer LF 1005-S
LT4000-S LEM-LT4000-S Datasheet
79Kb / 2P
Current Transducer LT 4000-S
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com