Electronic Components Datasheet Search
  English  ▼

X  

PI5PD2556 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI5PD2556
Description  Precision Adjustable Current -Limited Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2556 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI5PD2556 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-08-0011
PT0497-4
08/31/15
7
PI5PD2556/2557
Precision Adjustable
Current-Limited Power Switch
Figure 14 Switch Current Vs. Drain-Source Voltage Across
Functional Block Diagram
Figure 15
Functional Block Diagram
Functional Description
Overview
The PI5PD2556/2557 is a single-channel, current-limited power-distribution switch using N-channel MOSFETs for applications
where short circuits or heavy capacitive loads will be encountered. This device allows the user to program the current-limit
threshold between 500 mA and 5.0 A (typ) via an external resistor. This device incorporates an internal charge pump and gate
drive circuitry necessary to drive the N-channel MOSFETs. The charge pump supplies power to the driver circuit for each channel
and provides the necessary voltage to pull the gate of the MOSFET above the source. The charge pump operates from input
voltages as low as 2.5 V and requires little supply current. The driver controls the gate voltage of the power switch. The driver
incorporates circuitry that controls the rise and fall times of the output voltage to limit large current and voltage surges and
provides built-in soft-start functionality. The PI5PD2556/2557 limits the output current to the programmed current-limit threshold
IOS during an over-current or short-circuit event by reducing the charge pump voltage driving the N-channel MOSFET and
operating it in the linear range of operation. The result of limiting the output current to IOS reduces the output voltage at OUT
because the N-channel MOSFET is no longer fully enhanced.
-40°C
25°C
125°
C
RLIM = 61.9 kohm
VIN-VOUT mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com