Electronic Components Datasheet Search
  English  ▼

X  

PI5PD2560 Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI5PD2560
Description  Dual Channel, Adjustable Current -Limited Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2560 Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI5PD2560 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2560 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2560 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2560 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2560 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2560 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5PD2560 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5PD2560 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI5PD2560 Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2016-03-0004
PT0489-5
04/29/16
11
PI5PD2560/2561
Dual Channel,
Adjustable Current-Limited Power Switch
AUTO-RETRY FUNCTIONALITY
Some applications require that an overcurrent condition disables the part momentarily during a fault condition and re-enables after
a pre-set time. This auto-retry functionality can be implemented with an external resistor and capacitor. During a fault condition,
FAULTx pulls ENx low disabling the part. The part is disabled when ENx is pulled below the turn-off threshold, and FAULTx
goes high impedance allowing CRETRY to begin charging. The part re-enables when the voltage on ENx reaches the turn-on
threshold, and the auto-retry time is determined by the resistor/capacitor time constant. The part will continue to cycle in this
manner until the fault condition is removed.
IN
O UT1
G ND
/ FAU LT1
IL IM
C1
0.1uF
C3
IN
/ FAU LT2
R1
100k
R2
100k
P ow er Pad
O UT2
R3
20k
C2
VIN
E N1
E N2
C3
0.22uF
C2
0.22uF
VOU T1
VOU T2
Figure 10.Auto-Retry Functionality
Some applications require auto-retry functionality and the ability to enable/disable with an external logic signal. The figure below
shows how an external logic signal can drive EN through RFAULT and maintain auto-retry functionality. The resistor/capacitor
time constant determines the auto-retry time-out period.
IN
O UT1
G ND
/ FAU LT1
IL IM
C1
0.1uF
C3
IN
/ FAU LT2
R1
100k
R2
100k
P ow er Pad
O UT2
R3
20k
C2
VIN
E N1
E N2
C3
0.22uF
C2
0.22uF
VOU T1
VOU T2
Logic signal & drivers
Figure 11.Auto-Retry Functionality With External EN Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com