Electronic Components Datasheet Search
  English  ▼

X  

PI5PD2561 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI5PD2561
Description  Dual Channel, Adjustable Current -Limited Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2561 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI5PD2561 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI5PD2561 Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2016-03-0004
PT0489-5
04/29/16
9
PI5PD2560/2561
Dual Channel,
Adjustable Current-Limited Power Switch
Figure 9. Current-Limit Threshold vs. RILIM
APPLICATION 1: DESIGNING ABOVE A MINIMUM CURRENT LIMIT
Some applications require that current limiting cannot occur below a certain threshold. For this example, assume that 2 A must be
delivered to the load so that the minimum desired current-limit threshold is 2000 mA. Use the IOS equations and Figure 9 to
select RILIM.
IOSmax (mA) = 2000mA
Select the closest 1% resistor less than the calculated value: RILIM = 25.5 kΩ. This sets the minimum current-limit threshold at
2A. Use the IOS equations, Figure 9, and the previously calculated value for RILIM to calculate the maximum resulting current-
limit threshold
IOSmax (mA) = 2382mA
The resulting maximum current-limit threshold is 2382 mA with a 25.5 kΩ resistor
(2)
IOSmin (mA) =
RILIM (kΩ) =
RILIM (kΩ) = 25.52kΩ
RILIM (kΩ) = 25.52kΩ
IOSmax (mA) =
IOSmax (mA) =
61200V
RILIM
1.056kΩ
1
1.056
61200V
IOsmin mA
52850V
RILIM
0.957kΩ
52850V
25.5
0.957kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com