Electronic Components Datasheet Search
  English  ▼

X  

CT50-T Datasheet(PDF) 1 Page - LEM

Part # CT50-T
Description  Current Transducers CT 50-T
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CT50-T Datasheet(HTML) 1 Page - LEM

  CT50-T Datasheet HTML 1Page - LEM CT50-T Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Current Transducer CT 50-T
For very accurate measurements of currents : DC, AC, pulsed...,
with a galvanic isolation between the primary circuit (high power)
and the secondary circuit (electronic circuit).
Electrical data
I
P N
Primary nominal r.m.s. current
50
A
I
P
Primary current, measuring range
0 .. ± 75
A
V
OU T
Analog output voltage
5
V
K
N
Conversion ratio
50 A / 5 V
R
L
Load resistance
> 500
Ω
C
L
Capacitance loading
≤ 5
nF
t
C
Output short-circuit duration 1)
∞
s
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
90 + V
OUT / R L
mA
V
d
R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
6
kV
Accuracy - Dynamic performance data
X
G
Overall accuracy @ I
PN
- 25°C .. + 70°C
± 0.1
%
Typ
Max
V
O
Offset voltage @ I
P = 0
T
A = 25°C
± 0.4
mV
- 25°C .. + 70°C
± 0.6
mV
f
Frequency bandwidth (- 3 dB) @ 10 % of I
PN
DC .. 500
kHz
General data
T
A
Ambient operating temperature
- 25 .. + 70
°C
T
S
Ambient storage temperature
- 40 .. + 85
°C
m
Mass
670
g
Standards 2)
EN 50178
Notes : 1) If the short-circuit has a duration more than 1 s, the primary current of
the supply voltage must be interrupted for a short time to restore the
transducer to proper working order. The internal protection is done by
PTC resistors
2) A list of corresponding tests is available
Features
•Closed loop (compensated) current
transducer
•Insulated plastic case recognized
according to UL 94-V0
•Patent pending.
Advanced features
•f = 500 kHz
•X
G =
± 0.1 % (- 25°C .. + 70°C).
Advantages
•Excellent accuracy
•Very good linearity
•Low temperature drift
•Optimized response time
•Wide frequency bandwidth
•No insertion losses
•High immunity to external
interference
•Current overload capability.
Applications
•AC variable speed drives and servo
motor drives
•Static converters for DC motor drives
•Battery supplied applications
•Uninterruptible Power Supplies
(UPS)
•Switched Mode Power Supplies
(SMPS)
•Power supplies for welding
applications.
I
PN
=
50 A
980814/5
LEM Components
ww w .lem.com
Preliminary


Similar Part No. - CT50-T

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CT50-78P YAMAICHI-CT50-78P Datasheet
251Kb / 2P
180째 Solder Cup
CT50-78P1 YAMAICHI-CT50-78P1 Datasheet
87Kb / 2P
180째 Solder Dip
CT50-78P1-K45 YAMAICHI-CT50-78P1-K45 Datasheet
87Kb / 2P
180째 Solder Dip
CT50-78S YAMAICHI-CT50-78S Datasheet
251Kb / 2P
180째 Solder Cup
CT50-78S1 YAMAICHI-CT50-78S1 Datasheet
87Kb / 2P
180째 Solder Dip
More results

Similar Description - CT50-T

ManufacturerPart #DatasheetDescription
logo
LEM
CT5-T LEM-CT5-T Datasheet
56Kb / 2P
Current Transducers CT 5-T
CT10-T LEM-CT10-T Datasheet
55Kb / 2P
Current Transducers CT 10-T
CT25-T LEM-CT25-T Datasheet
54Kb / 2P
Current Transducers CT 25-T
CT100-S LEM-CT100-S Datasheet
52Kb / 2P
Current Transducers CT 100-S
HAS50-P LEM-HAS50-P Datasheet
132Kb / 2P
Current Transducers HAS 50~600-P
HY50P LEM-HY50P Datasheet
118Kb / 2P
Current Transducers, HY 50-P/SP1
HAC100 LEM-HAC100 Datasheet
840Kb / 3P
Current Transducers
HAZ4000-SRU LEM-HAZ4000-SRU Datasheet
250Kb / 3P
Current Transducers
HAZ6000-SRI LEM-HAZ6000-SRI Datasheet
249Kb / 3P
Current Transducers
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
Current Transducers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com