Electronic Components Datasheet Search
  English  ▼

X  

ST002 Datasheet(PDF) 3 Page - Stanson Technology

Part # ST002
Description  This high-density process is especially tailored to minimize on-state resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST002 Datasheet(HTML) 3 Page - Stanson Technology

  ST002 Datasheet HTML 1Page - Stanson Technology ST002 Datasheet HTML 2Page - Stanson Technology ST002 Datasheet HTML 3Page - Stanson Technology ST002 Datasheet HTML 4Page - Stanson Technology ST002 Datasheet HTML 5Page - Stanson Technology ST002 Datasheet HTML 6Page - Stanson Technology ST002 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ST1002
N Channel Enhancement Mode MOSFET
3.0A
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stnasontech.com
ST1002 2013 . V1
3
ELECTRICAL CHARACTERISTICS
( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ Max
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=250uA
100
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250uA
1
2.5
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS=80V,VGS=0V
1
uA
VDS=80V,VGS=0V
TJ=55℃
10
Drain-source On-Resistance
RDS(on)
VGS=10V,ID=3.0A
VGS=4.5V,ID=2.0A
128
133
135
140
mΩ
Diode Forward Voltage
VSD
IS=1.7A,VGS=0V
1.0
V
Dynamic
Total Gate Charge
Qg
VDS=50V
VGS=10V
ID≡2.0A
45
nC
Gate-Source Charge
Qgs
7.2
Gate-Drain Charge
Qgd
22
Input Capacitance
Ciss
VDS=30V
VGS=0V
F=1MHz
640
pF
Output Capacitance
Coss
160
Reverse Transfer Capacitance
Crss
88
Turn-On Time
td(on)
tr
VDD=30V
RL=30Ω
ID=1.0A
VGEN=10V
RG=6Ω
11
21
nS
10
19
Turn-Off Time
td(off)
tf
24
44
21
39



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com