Electronic Components Datasheet Search
  English  ▼

X  

DCVT-25V10 Datasheet(PDF) 1 Page - LEM

Part # DCVT-25V10
Description  Voltage Transducer DCVT-25V10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DCVT-25V10 Datasheet(HTML) 1 Page - LEM

  DCVT-25V10 Datasheet HTML 1Page - LEM DCVT-25V10 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage Transducer DCVT-25V10
For the electronic measurement of voltages : DC with a galvanic
isolation between the primary circuit and the secondary circuit.
Electrical data
V
PN
Primary nominal r.m.s. voltage
25
V
V
P
Primary voltage, measuring range
+ 1.6 .. + 35
V
V
out
Output voltage @ V
PN
10
V
R
IN
Input Load resistance1)
R
IN=62(VIN(max)-26.6) Ω
K
N
Conversion ratio
25 : 10
V
d
R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
(between primary and measuring circut)
5.4
kV
Accuracy - Dynamic performance data
X
G
Overall accuracy @ V
PN TA = 25°C
± 1.5
%
Output ripple voltage @ V
PN
± 50
mV
TCV
OUT
Thermal drift of V
OUT
± 0.1
%/K
t
r
Response time @ 90 % of V
PN
150
µs
General data
T
A
Ambient operating temperature
- 10 .. + 80
°C
T
S
Ambient storage temperature
- 15 .. + 80
°C
m
Mass
210
g
Notes : 1) R
IN is not needed whenVP is less than 26.6V.
Power rating of R
IN should be more than 0.02 x VIN(max) W
Features
• RCC voltage transducer
• Compact panel Mount type
Remarks
• When sensing voltages, the range of
the sensed voltage can be adjusted
by adding an external input resistor
on the input side.
Advantages
• No external power supply is required
• Good overall accuracy
• Excellent linearity
• Low temperature drift
• Fast response time
Applications
• DC variable inverter
• Railway overhead line voltage
measurement
• Uninterruptible Power Supplies
(UPS)
• Battery supplied application
V
PN
=
25 V
040302/2
www.nanalem.co.jp
Preliminary


Similar Part No. - DCVT-25V10

ManufacturerPart #DatasheetDescription
logo
LEM
DCVT1000 LEM-DCVT1000 Datasheet
52Kb / 2P
Voltage Transducer
DCVT1000SP1 LEM-DCVT1000SP1 Datasheet
52Kb / 2P
Voltage Transducer
More results

Similar Description - DCVT-25V10

ManufacturerPart #DatasheetDescription
logo
LEM
LV25P LEM-LV25P Datasheet
69Kb / 2P
VOLTAGE TRANSDUCER
AV100-2000 LEM-AV100-2000 Datasheet
51Kb / 2P
Voltage Transducer
CV3-500 LEM-CV3-500 Datasheet
40Kb / 2P
Voltage Transducer
CV3-1000 LEM-CV3-1000 Datasheet
716Kb / 3P
Voltage Transducer
LV100-300 LEM-LV100-300_03 Datasheet
42Kb / 2P
Voltage Transducer
LV100-3000 LEM-LV100-3000_03 Datasheet
66Kb / 2P
Voltage Transducer
LV100 LEM-LV100_03 Datasheet
56Kb / 2P
Voltage Transducer
LV100-100 LEM-LV100-100_03 Datasheet
58Kb / 2P
Voltage Transducer
LV20-P LEM-LV20-P Datasheet
45Kb / 2P
Voltage Transducer
LV25-P LEM-LV25-P_12 Datasheet
207Kb / 3P
Voltage Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com