Electronic Components Datasheet Search
  English  ▼

X  

DKB5-10 Datasheet(PDF) 1 Page - LEM

Part # DKB5-10
Description  DC Current transducer DK-B5/10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DKB5-10 Datasheet(HTML) 1 Page - LEM

  DKB5-10 Datasheet HTML 1Page - LEM DKB5-10 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC Current transducer DK-B5/10
A split core transducer for the electronic measurement DC current,
with galvanic isolation between the primary (High power) and the
secondary circuits (Electronic circuit) with voltage output.
Electrical data
Primary Nominal Current
Analogue Output Signal 1)
Type
I
PN (A.t)
V
OUT (V)
50,75,100
0-5
DK 100 B5
100,150,200
0-5
DK 200 B5
150,225,300
0-5
DK 300 B5
200,300,400
0-5
DK 400 B5
50,75,100
0-10
DK 100 B10
100,150,200
0-10
DK 200 B10
150,225,300
0-10
DK 300 B10
200,300,400
0-10
DK 400 B10
V
c
Supply voltage
22-26
V AC/ DC
R
L
Load resistance (max)
250
k
Ω
V
d
Isolation voltage
3000
V AC
f
Frequency
DC
I
c
Current consumption (max)
100
mA
Accuracy - Dynamic performance data
X
Accuracy @ I
PN, TA=25°C
± 1
%
ε
L
Linearity
± 0.75
%
t
r
Response time @ 90% of I
PN
< 300
mS
General data
T
A
Ambient operating temperature (0-95% RH)
- 20 .. + 50
°C
T
S
Ambient storage temperature
- 20 .. + 85
°C
m
Mass
120
g
Note : 1)
For 0-3 V output model, no saturation output up to 3.5 V
for 0-5 V output model, no saturation output up to 5.75 V
and for 0-10 V output model, no saturation output up to 11.5 V
040405/5
Features
•DC Measurement
• Split core box
• Voltage output
• Jumper selectable ranges
• Panel mounting
• Extended measuring range
Advantages
•Large aperture
• High isolation between primary and
secondary circuits
• Easy to mount
• No insertion losses
Applications
• Battery Banks
- Monitors load current.
- Monitors charging current.
- Verifies operation.
•Transportation
Measures traction power or auxiliary
loads.
•Electric Heating Elements
Faster response than temperature
sensors.
Options on request
•DIN mounting
LEM Components
www .lem.com
I
PN = 50..400A


Similar Description - DKB5-10

ManufacturerPart #DatasheetDescription
logo
LEM
DK-B420 LEM-DK-B420 Datasheet
166Kb / 2P
DC Current transducer DK-B020/420
AHR-B5 LEM-AHR-B5 Datasheet
844Kb / 3P
AC/DC Current transducer
AHR-B10 LEM-AHR-B10 Datasheet
845Kb / 3P
AC/DC Current transducer
DHR-C420 LEM-DHR-C420 Datasheet
881Kb / 3P
AC/DC Current transducer
DK-B5 LEM-DK-B5 Datasheet
281Kb / 2P
DC Current transducer
DK-B020 LEM-DK-B020 Datasheet
281Kb / 2P
DC Current transducer
logo
PREMO CORPORATION S.L
DCT-200A PREMO-DCT-200A Datasheet
439Kb / 4P
DC Current Transducer
DCT-400A PREMO-DCT-400A Datasheet
391Kb / 4P
DC Current Transducer
DCT-700A PREMO-DCT-700A Datasheet
388Kb / 4P
DC Current Transducer
logo
LEM
DHR500C10 LEM-DHR500C10_12 Datasheet
641Kb / 4P
AC/DC Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com