Electronic Components Datasheet Search
  English  ▼

X  

FA-PV Datasheet(PDF) 1 Page - LEM

Part # FA-PV
Description  Current Transducer FA-050 ~100PV
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

FA-PV Datasheet(HTML) 1 Page - LEM

  FA-PV Datasheet HTML 1Page - LEM FA-PV Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary nominal
Primary current
Type
DC current
measuring range
I
PN
(A)
I
P
(A)
50
0 .. ± 70
FA - 050PV
100
0 .. ± 130
FA - 100PV
FA - 050PV
FA - 100PV
V
OUT
Output voltage
@ ± I
PN, RL = 10 kΩ, T A = 25°C ± 4
± 4
V
I
C
Current consumpution
16 + I
PN/1000
16+I
PN/2000
mA
V
C
Supply voltage (± 5 %)
± 15
V
V
d
R.m.s. voltage for AC isolation test, AC50/60Hz, 1 min
2.5
kV
Accuracy-Dynamic performance data
X
Accuracy @ T
A = 25°C,
@ ± 15V (± 5%)
< ± 1.5 @I
PN
%
εε
L
Linearity (0 .. ± I
PN)
< ± 0.25
%
V
OE
Electrical offset voltage, T
A = 25°C
± 0.016
V
V
OH
Hysteresis offset voltage @ I
P = 0,
after an excursion of 1 x I
PN
< ± 0.012
V
V
OT
Thermal drift of V
OE
< ± 0.04
mV/°C
TC
εε
G
Thermal drift of the gain (% of reading)
< ± 0.1
%/°C
t
r
Response time @ 90% of I
P
<1
µs
f
Frequency bandwidth (- 1 dB)
DC .. 100
kHz
General data
T
A
Ambient operating temperature
- 10 .. + 70
°C
T
S
Ambient storage temperature
- 15 .. + 80
°C
m
Mass
25
g
Current Transducer FA-050 .. 100PV
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
I
PN
= 50 .. 100 A
Features
• Hall effect measuring principle
• PC Board Mount Type
• Low power consumption
• Extended measuring range (3 x I
PN)
• Galvanic isolation between Primary
and Secondary circuit
• Isolation voltage 2000V
Advantages
• Easy Mounting
• Small size and space saving
• Only one design for wide current
ratings range
• High immunity to external inteference
Applications
• DC motor drives
• Switched Mode Power Supplies
(SMPS)
• AC variable speed drives
• Uninterruptible Power Supplies
(UPS)
• Battery supplied applications
• Power supplies for welding
applications.
www.nanalem.co.jp
010301/1


Similar Part No. - FA-PV

ManufacturerPart #DatasheetDescription
logo
Lightel Technologies IN...
FA-03-1-B-0 LIGHTEL-FA-03-1-B-0 Datasheet
88Kb / 1P
Fixed Attenuator with Fiber Pigtail
FA-03-1-B-1 LIGHTEL-FA-03-1-B-1 Datasheet
88Kb / 1P
Fixed Attenuator with Fiber Pigtail
FA-03-1-B-2 LIGHTEL-FA-03-1-B-2 Datasheet
88Kb / 1P
Fixed Attenuator with Fiber Pigtail
FA-03-1-B-3 LIGHTEL-FA-03-1-B-3 Datasheet
88Kb / 1P
Fixed Attenuator with Fiber Pigtail
FA-03-1-B-4 LIGHTEL-FA-03-1-B-4 Datasheet
88Kb / 1P
Fixed Attenuator with Fiber Pigtail
More results

Similar Description - FA-PV

ManufacturerPart #DatasheetDescription
logo
LEM
HNC-050P LEM-HNC-050P Datasheet
57Kb / 2P
Current Transducer HNC- 050~100P
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com