Electronic Components Datasheet Search
  English  ▼

X  

ES2D-T Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ES2D-T
Description  2A, 200V - 600V Surface Mount Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES2D-T Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ES2D-T Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES2D-T Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES2D-T Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES2D-T Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ES2D-T - ES2J-T
CREAT BY ART
- Glass passivated junction chip
- Ideal for automated placement
- Low profile package
- Super fast recovery time for high efficiency
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
trr
ns
CJ
pF
TJ
°C
TSTG
°C
Document Number: DS_D0000149
Version: A15
TJ=125°C
- 55 to +150
0.95
1.3
10
350
Typical junction capacitance (Note 3)
25
20
Maximum reverse current @ rated VR
TJ=25°C
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Maximum instantaneous forward voltage (Note 1)
@ 2 A
VF
1.7
°C/W
Operating junction temperature range
Storage temperature range
- 55 to +150
Maximum reverse recovery time (Note 2)
35
A
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
V
IR
μA
Typical thermal resistance
RθJL
RθJA
20
75
Note 1: Pulse test with PW=300μs, 1% duty cycle
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
140
280
420
SYMBOL
200
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
2
ES2J-T
ES2G-T
MECHANICAL DATA
Case:
DO-214AA (SMB)
Polarity:
Indicated by cathode band
Weight:
0.09 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
ES2D-T
UNIT
PARAMETER
2A, 200V - 600V Surface Mount Super Fast Rectifiers
FEATURES
Moisture sensitivity level: level 1, per J-STD-020
Taiwan Semiconductor
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
DO-214AA (SMB)
200
400
600
400
600
Marking code
ES2D
ES2G
ES2J
Maximum repetitive peak reverse voltage


Similar Part No. - ES2D-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES2D-13-F DIODES-ES2D-13-F Datasheet
120Kb / 4P
Glass Passivated Die Construction
Rev 12
logo
VoltarisTech Inc
ES2D-18C VOLTARISTECH-ES2D-18C Datasheet
458Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER
Rev.A1
logo
Gulf Semiconductor
ES2D-A GULFSEMI-ES2D-A Datasheet
164Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 400V CURRENT竊?.0A
logo
VoltarisTech Inc
ES2D-A VOLTARISTECH-ES2D-A Datasheet
389Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER
Rev.A2
ES2D-A-18C VOLTARISTECH-ES2D-A-18C Datasheet
454Kb / 2P
SURFACE MOUNT ULTRAFAST GLASS PASSIVATED RECTIFIER
Rev.A1
More results

Similar Description - ES2D-T

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES1DFL TSC-ES1DFL Datasheet
362Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1DF TSC-ES1DF Datasheet
311Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1DLW TSC-ES1DLW Datasheet
202Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1D-T TSC-ES1D-T Datasheet
190Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES2DF TSC-ES2DF Datasheet
362Kb / 4P
2A, 200V - 600V Surface Mount Super Fast Rectifiers
SF2L4G TSC-SF2L4G Datasheet
352Kb / 4P
2A, 200V - 600V Glass Passivated Super Fast Rectifiers
ES1LD TSC-ES1LD Datasheet
424Kb / 7P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
ESDLW TSC-ESDLW Datasheet
354Kb / 7P
0.8A, 200V - 600V Surface Mount Super Fast Rectifier
ES2DA-T TSC-ES2DA-T Datasheet
543Kb / 6P
2A, 200V - 600V Super Fast Surface Mount Rectifier
ES2DAF-T TSC-ES2DAF-T Datasheet
465Kb / 6P
2A, 200V - 600V Super Fast Surface Mount Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com